Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7016S15G Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7016S15G
Description  HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7016S15G Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7016S15G Datasheet HTML 1Page - Integrated Device Technology IDT7016S15G Datasheet HTML 2Page - Integrated Device Technology IDT7016S15G Datasheet HTML 3Page - Integrated Device Technology IDT7016S15G Datasheet HTML 4Page - Integrated Device Technology IDT7016S15G Datasheet HTML 5Page - Integrated Device Technology IDT7016S15G Datasheet HTML 6Page - Integrated Device Technology IDT7016S15G Datasheet HTML 7Page - Integrated Device Technology IDT7016S15G Datasheet HTML 8Page - Integrated Device Technology IDT7016S15G Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FUNCTIONAL BLOCK DIAGRAM
• Busy and Interrupt Flags
• On-chip port arbitration logic
• Full on-chip hardware support of semaphore signaling
between ports
• Fully asynchronous operation from either port
• Devices are capable of withstanding greater than
2001V electrostatic discharge
• TTL-compatible, single 5V (
±10%) power supply
• Available in ceramic 68-pin PGA, 68-pin PLCC, and
an 80-pin TQFP
• Industrial temperature range (–40
°C to +85°C) is
available, tested to military electrical specifications
DESCRIPTION:
The IDT7016 is a high-speed 16K x 9 Dual-Port Static
RAMs. The IDT7016 is designed to be used as stand-
alone Dual-Port RAM or as a combination MASTER/
SLAVE Dual-Port RAM for 18-bit-or-more wider systems.
FEATURES:
• True Dual-Ported memory cells which allow simulta-
neous access of the same memory location
• High-speed access
— Military: 20/25/35ns (max.)
— Commercial:12/15/20/25/35ns (max.)
• Low-power operation
— IDT7016S
Active: 750mW (typ.)
Standby: 5mW (typ.)
— IDT7016L
Active: 750mW (typ.)
Standby: 1mW (typ.)
• IDT7016 easily expands data bus width to 18 bits or
more using the Master/Slave select when cascading
more than one device
•M/
S = H for BUSY output flag on Master
M/
S = L for BUSY input on Slave
Integrated Device Technology, Inc.
HIGH-SPEED
16K x 9 DUAL-PORT
STATIC RAM
IDT7016S/L
NOTES:
1. In MASTER mode:
BUSY is an output and is a push-pull driver
In SLAVE mode:
BUSY is input.
2.
BUSY outputs and INT outputs are non-tri-stated push-pull drivers.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
OCTOBER 1996
©1996 Integrated Device Technology, Inc.
DSC-3190/2
6.13
1
I/O
Control
Address
Decoder
MEMORY
ARRAY
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
Address
Decoder
I/O
Control
R/
WL
CEL
OEL
BUSYL
A13L
A0L
3190 drw 01
I/O0L- I/O8L
CEL
OEL
R/
WL
SEML
INTL
M/
S
BUSYR
A13R
A0R
SEMR
INTR
CER
OER
(2)
(1,2)
(2)
R/
WR
CER
OER
R/
WR
14
14
I/O0R-I/O8R
(1,2)
For latest information contact IDT’s web site at www.idt.com or fax-on-demand at 408-492-8391.


Similar Part No. - IDT7016S15G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016S15GG IDT-IDT7016S15GG Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S15GGB IDT-IDT7016S15GGB Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S15GGI IDT-IDT7016S15GGI Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7016S15G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_14 Datasheet
351Kb / 21P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S IDT-IDT7016S_06 Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S35PF8 IDT-IDT7016S35PF8 Datasheet
169Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159 CYPRESS-CY7C09159 Datasheet
452Kb / 15P
   8K/16K x 9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com