Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


IDT71256S Datasheet(PDF) 3 Page - Integrated Device Technology

Part No. IDT71256S
Description  CMOS STATIC RAM 256K (32K x 8-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

   
 3 page
background image
7.2
3
IDT71256S/L
CMOS STATIC RAM 256K (32K x 8-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS
(1, 2)
(VCC = 5.0V
± 10%, VLC = 0.2V, VHC = VCC - 0.2V)
71256S/L20
71256S/L25
71256S/L30
71256S/L35
Symbol
Parameter
Power Com’l.
Mil.
Com’l.
Mil.
Com’l.
Mil.
Com’l.
Mil.
Unit
ICC
Dynamic Operating Current
S
150
145
140
mA
CS ≤ VIL, Outputs Open
VCC = Max., f = fMAX
(2)
L
135
115
130
125
105
120
ISB
Standby Power Supply
S
20
20
20
mA
Current (TTL Level)
CS ≥ VIH, VCC = Max.,
L
3
3
3
3
3
3
Outputs Open, f = fMAX
(2)
ISB1
Full Standby Power Supply
S
20
20
20
mA
Current (CMOS Level)
CS ≥ VHC, VCC = Max., f = 0
L
0.4
0.4
1.5
1.5
0.4
1.5
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
Grade
Temperature
GND
VCC
Military
–55
°C to +125°C
0V
5.0V
± 10%
Commercial
0
°C to +70°C
0V
5.0V
± 10%
2946 tbl 05
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max. Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.2
6.0
V
VIL
Input Low Voltage
–0.5
(1)
0.8
V
NOTE:
2946 tbl 06
1. VIL (min.) = –3.0V for pulse width less than 20ns, once per cycle.
NOTES:
2946 tbl 07
1. All values are maximum guaranteed values.
2. fMAX = 1/tRC, all address inputs cycling at fMAX; f = 0 means no address pins are cycling.
3. Also available: 120 and 150 ns military devices.
71256S/L45
71256S/L55
71256S/L70
71256S/L85
(3) 71256S/L100(3)
Symbol
Parameter
Power
Com’l. Mil.
Com’l.
Mil.
Com’l.
Mil.
Com’l.
Mil.
Com'l.
Mil.
Unit
ICC
Dynamic Operating Current
S
135
135
135
135
135
mA
CS ≤ VIL, Outputs Open
VCC = Max., f = fMAX
(2)
L
100
115
115
115
115
115
ISB
Standby Power Supply
S
20
20
20
20
20
mA
Current (TTL Level)
CS ≥ VIH, VCC = Max.,
L
3
3
3
3
3
3
Outputs Open, f = fMAX
(2)
ISB1
Full Standby Power Supply
S
20
20
20
20
20
mA
Current (CMOS Level)
CS ≥ VHC, VCC = Max., f = 0
L
0.4
1.5
1.5
1.5
1.5
1.5




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT71256SACMOS STATIC RAM 256K 32K x 8-BIT 1 2 3 4 5 MoreIntegrated Device Technology
IDT71256SA70CMOS STATIC RAM 256K 32K x 8-BIT 1 2 3 4 5 MoreIntegrated Device Technology
LH51256CMOS 256K 32K X 8 STATIC RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LH51256LCMOS 256K 32K X 8 STATIC RAM 1 2 3 4 5 MoreSharp Electrionic Components
LH52256CCMOS 256K 32K x 8 Static RAM 1 2 3 4 5 MoreSharp Electrionic Components
LH52B256CMOS 256K 32K x 8 Static RAM 1 2 3 4 5 MoreSharp Electrionic Components
PDM41256256K Static RAM 32K x 8-Bit 1 2 3 4 5 MoreList of Unclassifed Manufacturers
61LV25616AL256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IC61C256AH32K x 8 HIGH-SPEED CMOS STATIC RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
M5M5256DFP-10VLL-I262144-BIT 32768-WORD BY 8-BIT CMOS STATIC RAM 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl