Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V05L35G Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT70V05L35G
Description  HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V05L35G Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT70V05L35G Datasheet HTML 6Page - Integrated Device Technology IDT70V05L35G Datasheet HTML 7Page - Integrated Device Technology IDT70V05L35G Datasheet HTML 8Page - Integrated Device Technology IDT70V05L35G Datasheet HTML 9Page - Integrated Device Technology IDT70V05L35G Datasheet HTML 10Page - Integrated Device Technology IDT70V05L35G Datasheet HTML 11Page - Integrated Device Technology IDT70V05L35G Datasheet HTML 12Page - Integrated Device Technology IDT70V05L35G Datasheet HTML 13Page - Integrated Device Technology IDT70V05L35G Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
6.35
10
IDT70V05S/L
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
COMMERCIAL TEMPERATURE RANGE
BUSY TIMING (M/
SSSSS = VIL)
tWB
BUSY Input to Write
(4)
0—
0
0
ns
tWH
Write Hold After
BUSY(5)
20
25
25
ns
PORT-TO-PORT DELAY TIMING
tWDD
Write Pulse to Data Delay
(1)
—55
65
85
ns
tDDD
Write Data Valid to Read Data Delay
(1)
—50
60
80
ns
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(6)
IDT70V05X25
IDT70V05X35
IDT70V05X55
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
BUSY TIMING (M/
SSSSS = VIH)
tBAA
BUSY Access Time from Address Match
25
35
45
ns
tBDA
BUSY Disable Time from Address Not Matched
25
35
45
ns
tBAC
BUSY Access Time from Chip Enable Low
25
35
45
ns
tBDC
BUSY Disable Time from Chip Enable High
25
35
45
ns
tAPS
Arbitration Priority Set-up Time
(2)
5—
5
5
ns
tBDD
BUSY Disable to Valid Data(3)
—35
40
50
ns
tWH
Write Hold After
BUSY(5)
20
25
25
ns
2941 drw 13
tDW
tAPS
ADDR"A"
tWC
DATAOUT "B"
MATCH
tWP
R/
W"A"
DATAIN "A"
ADDR"B"
tDH
VALID
(1)
MATCH
BUSY"B"
tBDA
VALID
tBDD
tDDD
(3)
tWDD
NOTES:
2941 tbl 13
1. Port-to-port delay through RAM cells from writing port to reading port, refer to "Timing Waveform of Read With
BUSY (M/S = VIH) or "Timing Waveform
of Write With Port-To-Port Delay (M/
S=VIL)".
2. To ensure that the earlier of the two ports wins.
3. tBDD is a calculated parameter and is the greater of 0, tWDD – tWP (actual), or tDDD – tDW (actual).
4. To ensure that the write cycle is inhibited during contention.
5. To ensure that a write cycle is completed after contention.
6. "X" is part numbers indicates power rating (S or L).
TIMING WAVEFORM OF WRITE WITH PORT-TO-PORT READ WITH BUSY (M/
SSSSS = VIH)(2,4,5)
NOTES:
1. To ensure that the earlier of the two ports wins. tAPS is ignored for M/
S = VIL (slave).
2.
CEL = CER = VIL.
3.
OE = VIL for the reading port.
4. If M/
S = VIL (slave), BUSY is an input. Then for this example BUSY"A" = VIH and BUSY"B" input is shown above.
5. All timing is the same for both left and right ports. Port "A" may be either the left or right Port. Port "B" is the port opposite from port "A".


Similar Part No. - IDT70V05L35G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05L35G IDT-IDT70V05L35G Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L35GI IDT-IDT70V05L35GI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V05L35G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com