Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70824S45G Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT70824S45G
Description  HIGH-SPEED 4K X 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70824S45G Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT70824S45G Datasheet HTML 1Page - Integrated Device Technology IDT70824S45G Datasheet HTML 2Page - Integrated Device Technology IDT70824S45G Datasheet HTML 3Page - Integrated Device Technology IDT70824S45G Datasheet HTML 4Page - Integrated Device Technology IDT70824S45G Datasheet HTML 5Page - Integrated Device Technology IDT70824S45G Datasheet HTML 6Page - Integrated Device Technology IDT70824S45G Datasheet HTML 7Page - Integrated Device Technology IDT70824S45G Datasheet HTML 8Page - Integrated Device Technology IDT70824S45G Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
IDT70824S/L
High-Speed 4K x 16 Sequential Access Random Access Memory
Military and Commercial Temperature Ranges
3099 drw 02
4
5
6
7
8
9
10
INDEX
11
12
13
14
1
80 79 78 77 76 75 74 73 72 71
23 24 25 26 27 28 29 30 31 32 33 34 35
3
2
15
16
17
18
19
20
21 22
36 37 38 39 40
41
42
43
62 61
60
59
58
57
56
55
54
53
52
63
64
51
50
49
48
47
46
45
44
70 69 68 67 66 65
IDT70824PF
PN80-1(4)
80-Pin TQFP
Top View(5)
VCC
A10
A9
A8
A7
A6
A5
A4
A3
A1
A2
CMD
CE
LB
UB
R/W
OE
A11
VCC
A0
SSTRT1
SCLK
GND
SI/O0
N/C
I/O0
CNTEN
SLD
SCE
SR/W
RST
SSTRT2
SI/O1
GND
GND
GND
EOB2
VCC
SOE
EOB1
,
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. PN80-1 package body is approximately 14mm x 14mm x 1.4mm.
G84-3 package body is approximately 1.12 in x 1.12 in x .16 in.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.
quencing for the sequential (synchronous) access port.
Fabricated using CMOS high-performance technology, this memory
devicetypicallyoperatesonlessthan775mWofpoweratmaximumhigh-
speed clock-to-data and Random Access. An automatic power down
feature,controlledby
CE,permitstheon-chipcircuitryofeachporttoenter
a very low standby power mode.
The IDT70824 is packaged in a 80-pin Thin Quad Flatpack (TQFP)
or 84-pin Pin Grid Array (PGA). Military grade product is manufactured
in compliance with the latest revision of MIL-PRF-38535 QML, making it
ideally suited to military temperature applications demanding the highest
level of performance and reliability.
Pin Configurations(1,2,3)
,
3099 drw 03
63
61
60
58
55
54
51
48
46
45
66
67
69
72
75
76
79
81
82
83
12
5
7
8
11
10
12
14
17
20
23
26
28
29
32
31
33
35
38
41
43
IDT70824G
G84-3(4)
84-Pin PGA
Top View(5)
AB
C
D
E
F
G
H
J
K
L
42
59
56
49
50
40
25
27
30
36
34
37
39
84
3
4
6
9
15
13
16
18
22
24
19
21
68
71
70
77
80
11
10
09
08
07
06
05
04
03
02
01
64
65
62
57
53
52
47
44
73
74
78
A3
NC
R/W
UB
A1
CE
A5
A6
A8
A9
A11
I/O14
NC
VCC
CMD
A2
NC SI/O15
I/O12
I/O13
SI/O14 SI/O13
I/O9
I/O5
I/O8
SI/O9 SI/O10 SI/O6
I/O4
SI/O4 SI/O5
I/O3
GND
SSTRT1
SCLK GND
SI/O2 VCC
I/O7
I/O6 GND
SI/O8 SI/O7 GND
NC
I/O0 EOB2 SOE
RST SLD
SI/O1 SI/O3
SCE SI/O0
I/O1
GND CNTEN GND SSTRT2 SR/W
GND
NC
NC
VCC
I/O15 GND
OE
A0
LB
VCC
A10
GND
A4
A7
I/O10
VCC
VCC SI/O11
I/O11
SI/O12
I/O2
VCC
GND
Pin 1
Designator
EOB1


Similar Part No. - IDT70824S45G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70825L IDT-IDT70825L Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20G IDT-IDT70825L20G Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20GB IDT-IDT70825L20GB Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20PF IDT-IDT70825L20PF Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
IDT70825L20PFB IDT-IDT70825L20PFB Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
More results

Similar Description - IDT70824S45G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70825S IDT-IDT70825S Datasheet
319Kb / 21P
   HIGH-SPEED 8K x 16 SEQUENTIAL ACCESS RANDOM ACCESS MEMORY (SARAM??
logo
Motorola, Inc
MCM6147A MOTOROLA-MCM6147A Datasheet
194Kb / 6P
   4K BIT STATIC RANDOM ACCESS MEMORY
logo
ACCUTEK MICROCIRCUIT CO...
AK63264BZ ACCUTEK-AK63264BZ_09 Datasheet
78Kb / 2P
   Static Random Access Memory
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
   Dynamic Random Access Memory
AK632256BZ ACCUTEK-AK632256BZ_09 Datasheet
101Kb / 2P
   Static Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW_09 Datasheet
66Kb / 2P
   Dynamic Random Access Memory
AK6321024W ACCUTEK-AK6321024W_09 Datasheet
148Kb / 2P
   Static Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
   Dynamic Random Access Memory
AK63216Z ACCUTEK-AK63216Z_09 Datasheet
77Kb / 2P
   Static Random Access Memory
AK68512D ACCUTEK-AK68512D_09 Datasheet
185Kb / 2P
   Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com