Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7016L12G Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT7016L12G
Description  HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7016L12G Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT7016L12G Datasheet HTML 1Page - Integrated Device Technology IDT7016L12G Datasheet HTML 2Page - Integrated Device Technology IDT7016L12G Datasheet HTML 3Page - Integrated Device Technology IDT7016L12G Datasheet HTML 4Page - Integrated Device Technology IDT7016L12G Datasheet HTML 5Page - Integrated Device Technology IDT7016L12G Datasheet HTML 6Page - Integrated Device Technology IDT7016L12G Datasheet HTML 7Page - Integrated Device Technology IDT7016L12G Datasheet HTML 8Page - Integrated Device Technology IDT7016L12G Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
IDT7016S/L
HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.13
5
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(1) (VCC = 5.0V
± 10%)
7016X12
7016X15
Test
Com'l. Only
Com'l. Only
Symbol
Parameter
Condition
Version
Typ.
(2)
Max. Typ.
(2)
Max.
Unit
ICC
Dynamic Operating
CE = VIL, Outputs Open
MIL.
S
mA
Current
SEM = VIH
L—
(Both Ports Active)
f = fMAX
(3)
COM’L.
S
170
325
170
310
L
170
275
170
260
ISB1
Standby Current
CER = CEL = VIH
MIL.
S
mA
(Both Ports — TTL
SEMR = SEML = VIH
L—
Level Inputs)
f = fMAX
(3)
COM’L.
S
25
70
25
60
L25
60
25
50
ISB2
Standby Current
CE"A"=VIL and CE"B" = VIH(5) MIL.
S
mA
(One Port — TTL
Active Port Outputs Open
L
Level Inputs)
f = fMAX
(3)
COM’L.
S
105
200
105
190
SEMR= SEML = VIH
L
105
170
105
160
ISB3
Full Standby Current
Both Ports
CEL and
MIL.
S
mA
(Both Ports — All
CER > VCC - 0.2V
L
CMOS Level Inputs)
VIN > VCC - 0.2V or
COM’L.
S
1.0
15
1.0
15
VIN < 0.2V, f = 0
(4)
L
0.2
5
0.2
5
SEMR = SEML > VCC - 0.2V
ISB4
Full Standby Current
CE"A"< 0.2V and
MIL.
S
mA
(One Port — All
CE"B" > VCC - 0.2V
(5)
L—
CMOS Level Inputs)
SEMR = SEML > VCC - 0.2V
V
IN>VCC - 0.2V or VIN<0.2V
COM'L.
S
100
180
100
170
Active Port Outputs Open,
L
100
150
100
140
f = fMAX
(3)
NOTES:
3190 tbl 09
1. "X" in part numbers indicates power rating (S or L).
2. VCC = 5V, TA = +25
°C, and are not production tested. ICCDC = 120mA(typ.)
3. At f = fMAX
, address and I/Os are cycling at the maximum frequency read cycle of 1/tRC.
4. f = 0 means no address or control lines change.
5. Port "A" may be either left or right port. Port "B" is the opposite of port "A".
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE (VCC = 5.0V
± 10%)
7016S
7016L
Symbol
Parameter
Test Conditions
Min.
Max.
Min.
Max.
Unit
|ILI|
Input Leakage Current
(1)
VCC = 5.5V, VIN = 0V to VCC
—10
5
µA
|ILO|
Output Leakage Current
CE = VIH, VOUT = 0V to VCC
—10
5
µA
VOL
Output Low Voltage
IOL = 4mA
0.4
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
2.4
V
NOTE:
3190 tbl 08
1. At Vcc < 2.0V, Input leakages are undefined.


Similar Part No. - IDT7016L12G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016L12GG IDT-IDT7016L12GG Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016L12GGB IDT-IDT7016L12GGB Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016L12GGI IDT-IDT7016L12GGI Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7016L12G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_14 Datasheet
351Kb / 21P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S IDT-IDT7016S_06 Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S35PF8 IDT-IDT7016S35PF8 Datasheet
169Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159 CYPRESS-CY7C09159 Datasheet
452Kb / 15P
   8K/16K x 9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com