Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V05S35G Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT70V05S35G
Description  HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V05S35G Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT70V05S35G Datasheet HTML 1Page - Integrated Device Technology IDT70V05S35G Datasheet HTML 2Page - Integrated Device Technology IDT70V05S35G Datasheet HTML 3Page - Integrated Device Technology IDT70V05S35G Datasheet HTML 4Page - Integrated Device Technology IDT70V05S35G Datasheet HTML 5Page - Integrated Device Technology IDT70V05S35G Datasheet HTML 6Page - Integrated Device Technology IDT70V05S35G Datasheet HTML 7Page - Integrated Device Technology IDT70V05S35G Datasheet HTML 8Page - Integrated Device Technology IDT70V05S35G Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
IDT70V05S/L
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
COMMERCIAL TEMPERATURE RANGE
6.35
5
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(1) (VCC = 3.3V
± 0.3V)
70V05X25
70V05X35
70V05X55
Test
Symbol
Parameter
Condition
Version
Typ.
(2) Max. Typ.(2) Max. Typ.(2) Max. Unit
ICC
Dynamic Operating
CE = VIL, Outputs Open
COM’L
S
80
140
70
115
70
115
mA
Current
SEM = VIH
L
70
120
60
100
60
100
(Both Ports Active)
f = fMAX
(3)
ISB1
Standby Current
CER = CEL = VIH
COM’L.
S
12
25
10
25
10
25
mA
(Both Ports — TTL
SEMR = SEML = VIH
L10
20
8
20
8
20
Level Inputs)
f = fMAX
(3)
ISB2
Standby Current
CEL or CER = VIH
COM’L.
S
40
82
35
72
35
72
mA
(One Port — TTL
Active Port Outputs Open
L
30
72
25
62
25
62
Level Inputs)
f = fMAX
(3)
SEMR = SEML = VIH
ISB3
Full Standby Current
Both Ports
CEL and
COM’L.
S
1.0
5
1.0
5
1.0
5
mA
(Both Ports — All
CER ≥ VCC - 0.2V
L
0.2
2.5
0.2
2.5
0.2
2.5
CMOS Level Inputs)
VIN
≥ VCC - 0.2V or
VIN
≤ 0.2V, f = 0(4)
SEMR = SEML ≥ VCC - 0.2V
ISB4
Full Standby Current
One Port
CEL or
COM’L.
S
50
81
45
71
45
71
mA
(One Port — All
CER ≥ VCC - 0.2V
L
40
71
35
61
35
61
CMOS Level Inputs)
SEMR = SEML ≥ VCC - 0.2V
VIN
≥ VCC - 0.2V or VIN ≤ 0.2V
Active Port Outputs Open
f = fMAX
(3)
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE (VCC = 3.3V
± 0.3V)
IDT70V05S
IDT70V05L
Symbol
Parameter
Test Conditions
Min.
Max.
Min.
Max.
Unit
|ILI|
Input Leakage Current
(1)
VCC = 3.6V, VIN = 0V to VCC
—10
5
µA
|ILO|
Output Leakage Current
CE = VIH, VOUT = 0V to VCC
—10
5
µA
VOL
Output Low Voltage
IOL = 4mA
0.4
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
2.4
V
NOTES:
2941 tbl 09
1. "X" in part numbers indicates power rating (S or L).
2. VCC = 3.3V, TA = +25
°C.
3. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions”
of input levels of GND to 3V.
4. f = 0 means no address or control lines change.
NOTE:
2941 tbl 08
1. At Vcc
≤ 2.0V input leakages are undefined.


Similar Part No. - IDT70V05S35G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05S35G IDT-IDT70V05S35G Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S35GI IDT-IDT70V05S35GI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V05S35G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com