Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT29FCT52ADB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT29FCT52ADB
Description  FAST CMOS OCTAL REGISTERED TRANSCEIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT29FCT52ADB Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT29FCT52ADB Datasheet HTML 1Page - Integrated Device Technology IDT29FCT52ADB Datasheet HTML 2Page - Integrated Device Technology IDT29FCT52ADB Datasheet HTML 3Page - Integrated Device Technology IDT29FCT52ADB Datasheet HTML 4Page - Integrated Device Technology IDT29FCT52ADB Datasheet HTML 5Page - Integrated Device Technology IDT29FCT52ADB Datasheet HTML 6Page - Integrated Device Technology IDT29FCT52ADB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
7.1
2
IDT29FCT52A/B/C, IDT29FCT53A/B/C
FAST CMOS OCTAL REGISTERED TRANSCEIVERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN DESCRIPTION
Name
I/O
Description
A0-7
I/O
Eight bidirectional lines carrying the A Register inputs or B Register outputs.
B0-7
I/O
Eight bidirectional lines carrying the B Register inputs or A Register outputs.
CPA
I
Clock for the A Register. When
CEA is LOW, data is entered into the A Register on the LOW-to-HIGH transition
of the CPA signal.
CEA
I
Clock Enable for the A Register. When
CEA is LOW, data is entered into the A Register on the LOW-to-HIGH
transition of the CPA signal. When
CEA is HIGH, the A Register holds its contents, regardless of CPA signal
transitions.
OEB
I
Output Enable for the A Register. When
OEB is LOW, the A Register outputs are enabled onto the B0-7 lines. When
OEB is HIGH, the B0-7 outputs are in the high-impedance state.
CPB
I
Clock for the B Register. When
CEB is LOW, data is entered into the B Register on the LOW-to-HIGH transition
of the CPB signal.
CEB
I
Clock Enable for the B Register. When
CEB is LOW, data is entered into the B Register on the LOW-to-HIGH
transition of the CPB signal. When
CEB is HIGH, the B Register holds its contents, regardless of CPB signal
transitions.
OEA
I
Output Enable for the B Register. When
OEA is LOW, the B Register outputs are enabled onto the A0-7 lines. When
OEA is HIGH, the A0-7 outputs are in the high-impedance state.
2533 tbl 01
PIN CONFIGURATIONS
DIP/CERPACK/SOIC
TOP VIEW
5
6
7
8
9
10
11
12
GND
1
2
3
4
24
23
22
21
20
19
18
17
Vcc
16
15
14
13
P24-1,
D24-1,
E24-1
&
SO24-2
A6
A5
A4
A3
A2
CEB
CEA
CPB
CPA
OEA
A1
A0
A7
B6
B5
B4
B3
B2
B1
B
B7
0
OEB
REGISTER FUNCTION TABLE
(1)
(Applies to A or B Register)
Inputs
Internal
DCP
CE
CE
Q
Function
X
X
H
NC
Hold Data
L
L
L
Load Data
H
LH
2533 tbl 02
OUTPUT CONTROL
(1)
Internal
Y-Outputs
OE
OE
Q
52
53
Function
H
X
Z
Z
Disable Outputs
L
L
L
H
Enable Outputs
LH
HL
NOTE:
2533 tbl 03
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
NC = No Change
↑ = LOW-to-HIGH Transition
5
6
7
8
9
10
11
L28-1
25
24
23
22
21
20
19
INDEX
B4
B3
B2
B1
B0
OEB
NC
NC
A5
A4
A3
A2
A1
A0
12 13 14 15 16 17 18
43
2
1
28 27 26
LCC
TOP VIEW
2533 drw 02


Similar Part No. - IDT29FCT52ADB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT29FCT52AT IDT-IDT29FCT52AT Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
More results

Similar Description - IDT29FCT52ADB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
   Fast CMOS Octal Registered Transceivers
logo
Integrated Device Techn...
IDT29FCT52AT IDT-IDT29FCT52AT Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com