Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71028S70 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT71028S70
Description  CMOS STATIC RAM 1 MEG (256K x 4-BIT)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71028S70 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT71028S70 Datasheet HTML 1Page - Integrated Device Technology IDT71028S70 Datasheet HTML 2Page - Integrated Device Technology IDT71028S70 Datasheet HTML 3Page - Integrated Device Technology IDT71028S70 Datasheet HTML 4Page - Integrated Device Technology IDT71028S70 Datasheet HTML 5Page - Integrated Device Technology IDT71028S70 Datasheet HTML 6Page - Integrated Device Technology IDT71028S70 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
IDT71028S70
CMOS STATIC RAM 1 MEG (256K x 4-BIT)
COMMERCIAL TEMPERATURE RANGE
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Com’l.
Unit
VTERM
(2)
Terminal Voltage with
–0.5 to +7.0
V
Respect to GND
TA
Operating Temperature
0 to +70
°C
TBIAS
Temperature Under
–55 to +125
°C
Bias
TSTG
Storage Temperature
–55 to +125
°C
PT
Power Dissipation
1.25
W
IOUT
DC Output Current
50
mA
NOTES:
3569 tbl 02
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied.
Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VTERM must not exceed VCC + 0.5V.
PIN CONFIGURATION
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.2
VCC+0.5
V
VIL
Input Low Voltage
–0.5
(1)
0.8
V
NOTE:
3569 tbl 04
1. VIL (min.) = –1.5V for pulse width less than 10ns, once per cycle.
(3)
DC ELECTRICAL CHARACTERISTICS
VCC = 5.0V
± 10%
IDT71028
Symbol
Parameter
Test Condition
Min.
Max.
Unit
|ILI|
Input Leakage Current
VCC = Max., VIN = GND to VCC
5
µA
|ILO|
Output Leakage Current
VCC = Max.,
CS = VIH, VOUT = GND to VCC
5
µA
VOL
Output Low Voltage
IOL = 8mA, VCC = Min.
0.4
V
VOH
Output High Voltage
IOH = –4mA, VCC = Min.
2.4
V
3569 tbl 05
SOJ
TOP VIEW
TRUTH TABLE
(1,2)
CS
CS
OE
OE
WE
WE
I/O
Function
L
L
H
DATAOUT
Read Data
L
X
L
DATAIN
Write Data
L
H
H
High-Z
Output Disabled
H
X
X
High-Z
Deselected - Standby (ISB)
VHC
X
X
High-Z
Deselected - Standby (ISB1)
NOTES:
3569 tbl 01
1. H = VIH, L = VIL, x = Don't care.
2. VLC = 0.2V, VHC = VCC -0.2V.
3. Other inputs
≥VHC or ≤VLC.
5
6
7
8
9
12
13
14
GND
A0
A1
A2
1
2
3
4
28
27
26
25
24
23
22
21
20
17
16
15
SO28-6
A3
A4
A5
A7
A17
A16
A15
A14
NC
A13
OE
WE
I/O0
3569 drw 02
A8
10
19
A12
A9
11
18
A11
A10
VCC
A6
CS
I/O1
I/O2
I/O3
CAPACITANCE
(TA = +25
°C, f = 1.0MHz, SOJ package)
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
8
pF
CI/O
I/O Capacitance
VOUT = 3dV
8
pF
NOTE:
3569 tbl 03
1. This parameter is guaranteed by device characterization, but not prod-
uction tested.


Similar Part No. - IDT71028S70

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71028S12Y IDT-IDT71028S12Y Datasheet
59Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
IDT71028S15Y IDT-IDT71028S15Y Datasheet
59Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
IDT71028S17Y IDT-IDT71028S17Y Datasheet
59Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
IDT71028S20Y IDT-IDT71028S20Y Datasheet
59Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
More results

Similar Description - IDT71028S70

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71028 IDT-IDT71028 Datasheet
59Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
IDT71128 IDT-IDT71128 Datasheet
81Kb / 8P
   CMOS Static RAM 1 Meg (256K x 4-Bit) Revolutionary Pinout
IDT71V416YS IDT-IDT71V416YS Datasheet
84Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416VS IDT-IDT71V416VS Datasheet
95Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S15PHI IDT-IDT71V416S15PHI Datasheet
107Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416 IDT-IDT71V416 Datasheet
29Kb / 2P
   3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
IDT71V416S IDT-IDT71V416S Datasheet
90Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416L10BEI IDT-IDT71V416L10BEI Datasheet
107Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
logo
Pyramid Semiconductor C...
P4C1041 PYRAMID-P4C1041 Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com