Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70T659S15BC Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT70T659S15BC
Description  HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T659S15BC Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT70T659S15BC Datasheet HTML 1Page - Integrated Device Technology IDT70T659S15BC Datasheet HTML 2Page - Integrated Device Technology IDT70T659S15BC Datasheet HTML 3Page - Integrated Device Technology IDT70T659S15BC Datasheet HTML 4Page - Integrated Device Technology IDT70T659S15BC Datasheet HTML 5Page - Integrated Device Technology IDT70T659S15BC Datasheet HTML 6Page - Integrated Device Technology IDT70T659S15BC Datasheet HTML 7Page - Integrated Device Technology IDT70T659S15BC Datasheet HTML 8Page - Integrated Device Technology IDT70T659S15BC Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
©2003 Integrated Device Technology, Inc.
1
NOVEMBER 2003
DSC-5632/3
CE0R
R/
WR
CE1R
BE0R
BE1R
BE2R
BE3R
256/128K x 36
MEMORY
ARRAY
Address
Decoder
A17R(1)
A0R
Address
Decoder
CE0L
R/
WL
CE1L
BE0L
BE1L
BE2L
BE3L
Dout0-8_L
Dout9-17_L
Dout18-26_L
Dout27-35_L
Dout0-8_R
Dout9-17_R
Dout18-26_R
Dout27-35_R
B
E
0
L
B
E
1
L
B
E
2
L
B
E
3
L
B
E
3
R
B
E
2
R
B
E
1
R
B
E
0
R
I/O0L- I/O35L
A17L(1)
A0L
I/O0R -I/O35R
Di n_L
ADDR_L
Di n_R
ADDR_R
OER
OEL
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
SEML
INTL(3)
BUSYL(2,3)
M/
S
R/
WL
OEL
R/
WR
OER
CE0L
CE1L
CE0R
CE1R
BUSYR(2,3)
SEMR
INTR(3)
4869 drw 01
ZZ
CONTROL
LOGIC
ZZL
(4)
ZZR
(4)
JTAG
TC K
TRST
TMS
TDI
TD O
Functional Block Diagram
Busy and Interrupt Flags
On-chip port arbitration logic
Full on-chip hardware support of semaphore signaling
between ports
Fully asynchronous operation from either port
Separate byte controls for multiplexed bus and bus
matching compatibility
Sleep Mode Inputs on both ports
Supports JTAG features compliant to IEEE 1149.1
Single 2.5V (±100mV) power supply for core
LVTTL-compatible, selectable 3.3V (±150mV)/2.5V (±100mV)
power supply for I/Os and control signals on each port
Available in a 256-ball Ball Grid Array, 208-pin Plastic Quad
Flatpack and 208-ball fine pitch Ball Grid Array.
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
Features
True Dual-Port memory cells which allow simultaneous
access of the same memory location
High-speed access
– Commercial: 8/10/12/15ns (max.)
– Industrial: 10/12ns (max.)
RapidWrite Mode simplifies high-speed consecutive write
cycles
Dual chip enables allow for depth expansion without
external logic
IDT70T651/9 easily expands data bus width to 72 bits or
more using the Master/Slave select when cascading more
than one device
M/S = VIH for BUSY output flag on Master,
M/S = VIL for BUSY input on Slave
HIGH-SPEED 2.5V
256/128K x 36
ASYNCHRONOUS DUAL-PORT
STATIC RAM
WITH 3.3V 0R 2.5V INTERFACE
PRELIMINARY
IDT70T651/9S
NOTES:
1. Address A17x is a NC for IDT70T659.
2. BUSY is an input as a Slave (M/S=VIL) and an output when it is a Master (M/S=VIH).
3. BUSY and INT are non-tri-state totem-pole outputs (push-pull).
4. The sleep mode pin shuts off all dynamic inputs, except JTAG inputs, when asserted. OPTx, INTx, M/S and the sleep
mode pins themselves (ZZx) are not affected during sleep mode.


Similar Part No. - IDT70T659S15BC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T651 IDT-IDT70T651 Datasheet
739Kb / 28P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T651 IDT-IDT70T651 Datasheet
266Kb / 28P
   HIGH-SPEED ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T651 IDT-IDT70T651_15 Datasheet
739Kb / 28P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T651 IDT-IDT70T651_17 Datasheet
266Kb / 28P
   HIGH-SPEED ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T653M IDT-IDT70T653M Datasheet
309Kb / 24P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
More results

Similar Description - IDT70T659S15BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70T651 RENESAS-70T651 Datasheet
431Kb / 29P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
MAY 2019
70T653M RENESAS-70T653M Datasheet
509Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
JUNE 2019
logo
Integrated Device Techn...
IDT70T653M IDT-IDT70T653M Datasheet
309Kb / 24P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
IDT70T651 IDT-IDT70T651_15 Datasheet
739Kb / 28P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70T633 RENESAS-70T633 Datasheet
513Kb / 28P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
AUGUST 2019
logo
Integrated Device Techn...
IDT70T633 IDT-IDT70T633 Datasheet
342Kb / 27P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
IDT70T3719 IDT-IDT70T3719 Datasheet
303Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T3719 RENESAS-70T3719 Datasheet
605Kb / 26P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
70T3339 RENESAS-70T3339 Datasheet
628Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T3399 IDT-IDT70T3399 Datasheet
485Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com