Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7026S55J Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT7026S55J
Description  HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7026S55J Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT7026S55J Datasheet HTML 2Page - Integrated Device Technology IDT7026S55J Datasheet HTML 3Page - Integrated Device Technology IDT7026S55J Datasheet HTML 4Page - Integrated Device Technology IDT7026S55J Datasheet HTML 5Page - Integrated Device Technology IDT7026S55J Datasheet HTML 6Page - Integrated Device Technology IDT7026S55J Datasheet HTML 7Page - Integrated Device Technology IDT7026S55J Datasheet HTML 8Page - Integrated Device Technology IDT7026S55J Datasheet HTML 9Page - Integrated Device Technology IDT7026S55J Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6.17
6
IDT7026S/L
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(1)(Con't.) (VCC = 5.0V
± 10%)
7026X35
7026X55
Test
Symbol
Parameter
Condition
Version
Typ.
(2)
Max. Typ.
(2)
Max. Unit
ICC
Dynamic Operating
CE = VIL, Outputs Open
MIL.
S
160
335
150
310
mA
Current
SEM = VIH
L
160
295
150
270
(Both Ports Active)
f = fMAX
(3)
COM’L.
S
160
295
150
270
L
160
255
150
230
ISB1
Standby Current
CEL = CER = VIH
MIL.
S
20
100
13
100
mA
(Both Ports — TTL
SEMR = SEML = VIH
L
20
801380
Level Inputs)
f = fMAX
(3)
COM’L.
S
20
85
13
85
L
20
601360
ISB2
Standby Current
CE"A"=VIL and CE"B"=VIH(5)
MIL.
S
95
215
85
195
mA
(One Port — TTL
Active Port Outputs Open,
L
95
185
85
165
Level Inputs)
f = fMAX
(3)
COM’L.
S
95
185
85
165
SEMR = SEML = VIH
L
95
155
85
135
ISB3
Full Standby Current
Both Ports
CEL and
MIL.
S
1.0
30
1.0
30
mA
(Both Ports — All
CER > VCC - 0.2V
L
0.2
10
0.2
10
CMOS Level Inputs)
VIN > VCC - 0.2V or
COM’L.
S
1.0
15
1.0
15
VIN < 0.2V, f = 0
(4)
L
0.2
5
0.2
5
SEMR = SEML >VCC - 0.2V
ISB4
Full Standby Current
CE"A" < 0.2V and
MIL.
S
90
190
80
175
mA
(One Port — All
CE"B" > VCC - 0.2V
(5)
L
90
165
80
150
CMOS Level Inputs)
SEMR = SEML >VCC - 0.2V
VIN > VCC - 0.2V or
COM’L.
S
90
160
80
135
mA
VIN < 0.2V
L
90
135
80
110
Active Port Outputs Open,
f = fMAX
(3)
NOTES:
2939 tbl 10
1. "X" in part numbers indicates power rating (S or L).
2. VCC = 5V, TA = +25
°C, and are not production tested. ICCDC = 120mA (Typ.)
3. At f = fMAX
, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/ tRC, and using
“AC Test Conditions” of input levels of GND to 3V.
4. f = 0 means no address or control lines change.
5. Port "A" may be either left or right port. Port "B" is the opposite from port "A".


Similar Part No. - IDT7026S55J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7026S55J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S Datasheet
144Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V26 RENESAS-70V26 Datasheet
517Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
JULY 2019
logo
Cypress Semiconductor
CY7C026A CYPRESS-CY7C026A_12 Datasheet
318Kb / 21P
   16K x 16 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com