Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V24L25PF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT70V24L25PF
Description  HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V24L25PF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT70V24L25PF Datasheet HTML 6Page - Integrated Device Technology IDT70V24L25PF Datasheet HTML 7Page - Integrated Device Technology IDT70V24L25PF Datasheet HTML 8Page - Integrated Device Technology IDT70V24L25PF Datasheet HTML 9Page - Integrated Device Technology IDT70V24L25PF Datasheet HTML 10Page - Integrated Device Technology IDT70V24L25PF Datasheet HTML 11Page - Integrated Device Technology IDT70V24L25PF Datasheet HTML 12Page - Integrated Device Technology IDT70V24L25PF Datasheet HTML 13Page - Integrated Device Technology IDT70V24L25PF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
6.38
10
IDT70V24S/L
HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
COMMERCIAL TEMPERATURE RANGE
BUSY TIMING (M/
SSSSS = VIL)
tWB
BUSY Input to Write(4)
0—
0—
0—
ns
tWH
Write Hold After
BUSY(5)
20
25
25
ns
PORT-TO-PORT DELAY TIMING
tWDD
Write Pulse to Data Delay
(1)
—55
60
—80
ns
tDDD
Write Data Valid to Read Data Delay
(1)
—50
55
—75
ns
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(6)
IDT70V24X25
IDT70V24X35
IDT70V24X55
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
BUSY TIMING (M/
SSSSS = VIH)
tBAA
BUSY Access Time from Address Match
25
35
45
ns
tBDA
BUSY Disable Time from Address Not Matched
25
35
45
ns
tBAC
BUSY Access Time from Chip Low
25
35
45
ns
tBDC
BUSY Disable Time from Chip High
25
35
45
ns
tAPS
Arbitration Priority Set-up Time
(2)
5—
5—
5—
ns
tBDD
BUSY Disable to Valid Data(3)
—35
35
—40
ns
tWH
Write Hold After
BUSY(5)
20
25
25
ns
2911 drw 12
tDW
tAPS
ADDR"A"
tWC
DATAOUT "B"
MATCH
tWP
R/
W"A"
DATAIN "A"
ADDR"B"
tDH
VALID
(1)
MATCH
BUSY"B"
tBDA
VALID
tBDD
tDDD (3)
tWDD
tBAA
TIMING WAVEFORM OF READ WITH
BUSY
BUSY
BUSY
BUSY
BUSY (M/SSSSS = VIH)(2,4,5)
NOTES:
2740 tbl 13
1. Port-to-port delay through RAM cells from writing port to reading port, refer to "Timing Waveform of Read With
BUSY (M / S = H)" or "Timing Waveform
of Write With Port-To-Port Delay (M /
S = L)".
2. To ensure that the earlier of the two ports wins.
3. tBDD is a calculated parameter and is the greater of 0ns, tWDD – tWP (actual), or tDDD – tDW (actual).
4. To ensure that the write cycle is inhibited on port "B" during contention with port "A".
5. To ensure that a write cycle is completed on port "B" after contention with port "A".
6. "X" in part numbers indicates power rating (S or L).
NOTES:
1. To ensure that the earlier of the two ports wins. tAPS is ignored for M/
S = VIL (slave).
2.
CEL = CER = VIL.
3.
OE = VIL for the reading port.
4. If M/
S = VIL (slave), BUSY is an input. Then for this example BUSY"A" = VIH and BUSY"B" input is shown above.
5. All timing is the same for both left and right ports. Port "A" may be either the left or right Port. Port "B" is the port opposite from port "A".


Similar Part No. - IDT70V24L25PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V24L25PF IDT-IDT70V24L25PF Datasheet
191Kb / 22P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT70V24L25PFI IDT-IDT70V24L25PFI Datasheet
191Kb / 22P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V24L25PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V24 IDT-IDT70V24 Datasheet
191Kb / 22P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT70V27S IDT-IDT70V27S_12 Datasheet
363Kb / 21P
   HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
70V28 RENESAS-70V28 Datasheet
461Kb / 19P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
JUNE 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com