Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2122-UYN6GTR Datasheet(PDF) 8 Page - SG Micro Corp

Part # SGM2122-UYN6GTR
Description  Dual, Low Dropout, 250mA LDO Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2122-UYN6GTR Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SGM2122-UYN6GTR Datasheet HTML 3Page - SG Micro Corp SGM2122-UYN6GTR Datasheet HTML 4Page - SG Micro Corp SGM2122-UYN6GTR Datasheet HTML 5Page - SG Micro Corp SGM2122-UYN6GTR Datasheet HTML 6Page - SG Micro Corp SGM2122-UYN6GTR Datasheet HTML 7Page - SG Micro Corp SGM2122-UYN6GTR Datasheet HTML 8Page - SG Micro Corp SGM2122-UYN6GTR Datasheet HTML 9Page - SG Micro Corp SGM2122-UYN6GTR Datasheet HTML 10Page - SG Micro Corp SGM2122-UYN6GTR Datasheet HTML 11Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Dual, Low Dropout,
250mA LDO Regulators
8
SGM2122
SG Micro Corp
www.sg-micro.com
APPLICATION NOTE
When LDO is used in handheld products, attention must be paid to voltage spikes which could damage SGM2122. In
such applications, voltage spikes will be generated at charger interface and VBUS pin of USB interface when charger
adapters and USB equipments are hot-plugged. Besides this, handheld products will be tested on the production line
without battery. Test engineer will apply power from the connector pin which connects with positive pole of the battery.
When external power supply is turned on suddenly, the voltage spikes will be generated at the battery connector. The
voltage spikes will be very high, and it always exceeds the absolute maximum input voltage (6.0V) of LDO. In order to
get robust design, design engineer needs to clear up this voltage spike. Zener diode is a cheap and effective solution to
eliminate such voltage spike. For example, BZM55B5V6 is a 5.6V small package Zener diode which can be used to
remove voltage spikes in cell phone designs. The schematic is shown below.
SGM2122
4.7μF
VOUT 1
2
5
Vcc
Input
EN1
GND
IN
Control
4
6
VOUT 1
C2
C1
1μF
BZM55B5V6
4.7μF
VOUT 2 1
VOUT 2
C3
3 EN2
Control


Similar Part No. - SGM2122-UYN6GTR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2100 SGMICRO-SGM2100 Datasheet
552Kb / 36P
   DC-DC Power Management Unit
SGM2101 SGMICRO-SGM2101 Datasheet
533Kb / 33P
   DC/DC Power Management Unit
More results

Similar Description - SGM2122-UYN6GTR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2022 SGMICRO-SGM2022_15 Datasheet
302Kb / 11P
   Dual, Low Dropout, 250mA LDO Regulator
SGM2027 SGMICRO-SGM2027 Datasheet
289Kb / 11P
   Dual Low Dropout, 250mA LDO Regulator
logo
List of Unclassifed Man...
B4251 ETC-B4251 Datasheet
172Kb / 5P
   250mA Low Dropout Voltage Regulators
logo
SG Micro Corp
SGM2014 SGMICRO-SGM2014 Datasheet
569Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2015 SGMICRO-SGM2015 Datasheet
561Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Texas Instruments
TPS7201Q TI-TPS7201Q Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
TPS7201Q TI1-TPS7201Q_16 Datasheet
1Mb / 42P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com