Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2122-QYN6GTR Datasheet(PDF) 5 Page - SG Micro Corp

Part # SGM2122-QYN6GTR
Description  Dual, Low Dropout, 250mA LDO Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2122-QYN6GTR Datasheet(HTML) 5 Page - SG Micro Corp

  SGM2122-QYN6GTR Datasheet HTML 1Page - SG Micro Corp SGM2122-QYN6GTR Datasheet HTML 2Page - SG Micro Corp SGM2122-QYN6GTR Datasheet HTML 3Page - SG Micro Corp SGM2122-QYN6GTR Datasheet HTML 4Page - SG Micro Corp SGM2122-QYN6GTR Datasheet HTML 5Page - SG Micro Corp SGM2122-QYN6GTR Datasheet HTML 6Page - SG Micro Corp SGM2122-QYN6GTR Datasheet HTML 7Page - SG Micro Corp SGM2122-QYN6GTR Datasheet HTML 8Page - SG Micro Corp SGM2122-QYN6GTR Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Dual, Low Dropout,
250mA LDO Regulators
5
SGM2122
SG Micro Corp
www.sg-micro.com
TYPICAL OPERATING CHARACTERISTICS
VIN = VOUT (NOMINAL) + 0.5V or 2.5V (whichever is greater), CIN = 1μF, COUT = 1μF, TA = +25
℃, unless otherwise noted.
Output Voltage Accuracy vs. Temperature
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
-40
-15
10
35
60
85
Temperature (
℃)
Output Voltage vs. Input Voltage
0
1
2
3
4
5
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
Input Voltage (V)
No Load
VOUT = 1.8V
VOUT = 2.8V
SGM2122-E
Dropout Voltage vs. Load Current
0
50
100
150
200
250
300
0
50
100
150
200
250
Load Current (mA)
TA = -40℃
TA = +25℃
TA = +85℃
VOUT = 2.8V
Ground Pin Current vs. Temperature
150
165
180
195
210
225
240
-40
-15
10
35
60
85
Temperature (
℃)
No Load
SGM2122-E
Ground Pin Current vs. Input Voltage
0
40
80
120
160
200
240
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
Input Voltage (V)
No Load
SGM2122-E
Ground Pin Current vs. Load Current
100
150
200
250
300
350
400
0
50
100
150
200
250
Load Current (mA)
Both Output Loaded


Similar Part No. - SGM2122-QYN6GTR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2100 SGMICRO-SGM2100 Datasheet
552Kb / 36P
   DC-DC Power Management Unit
SGM2101 SGMICRO-SGM2101 Datasheet
533Kb / 33P
   DC/DC Power Management Unit
More results

Similar Description - SGM2122-QYN6GTR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2022 SGMICRO-SGM2022_15 Datasheet
302Kb / 11P
   Dual, Low Dropout, 250mA LDO Regulator
SGM2027 SGMICRO-SGM2027 Datasheet
289Kb / 11P
   Dual Low Dropout, 250mA LDO Regulator
logo
List of Unclassifed Man...
B4251 ETC-B4251 Datasheet
172Kb / 5P
   250mA Low Dropout Voltage Regulators
logo
SG Micro Corp
SGM2014 SGMICRO-SGM2014 Datasheet
569Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2015 SGMICRO-SGM2015 Datasheet
561Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Texas Instruments
TPS7201Q TI-TPS7201Q Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
TPS7201Q TI1-TPS7201Q_16 Datasheet
1Mb / 42P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com