Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70125L55J Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT70125L55J
Description  HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70125L55J Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT70125L55J Datasheet HTML 1Page - Integrated Device Technology IDT70125L55J Datasheet HTML 2Page - Integrated Device Technology IDT70125L55J Datasheet HTML 3Page - Integrated Device Technology IDT70125L55J Datasheet HTML 4Page - Integrated Device Technology IDT70125L55J Datasheet HTML 5Page - Integrated Device Technology IDT70125L55J Datasheet HTML 6Page - Integrated Device Technology IDT70125L55J Datasheet HTML 7Page - Integrated Device Technology IDT70125L55J Datasheet HTML 8Page - Integrated Device Technology IDT70125L55J Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
6.10
5
IDT 70121/70125S/L
HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
COMMERCIAL TEMPERATURE RANGE
TIMING WAVEFORM OF READ CYCLE NO. 1, EITHER SIDE(1,2,4)
ADDRESS
DATAOUT
tRC
tOH
PREVIOUS DATA VALID
tAA
tOH
DATA VALID
2654 drw 05
tBDD
(3,4)
BUSYOUT
NOTES:
1. Timing depends on which signal is aserted last,
OE or CE.
2. Timing depends on which signal is deaserted first,
OE or CE.
3. tBDD delay is required only in a case where the opposite port is completing
a write operation to the same address location. For simultanious read operations
BUSY has no relationship to valid output data.
4. Start of valid data depends on which timing becomes effective last, tAOE, tACE, tAA, or tBDD.
5. R/
W = VIH, and the address is valid prior to other coincidental with CE transition Low.
6. R/
W = VIH, CE = VIL, and OE = VIL. Address is valid prior to or coincident with CE transition Low.
CE
tACE
tAOE
tHZ
tLZ
tPD
VALID DATA
tPU
50%
OE
DATAOUT
CURRENT
ICC
ISS
50%
2654 drw 06
(4)
tLZ
tHZ
(1)
(1)
(4)
(2)
(2)
TIMING WAVEFORM OF READ CYCLE NO. 2, EITHER SIDE(5,6)


Similar Part No. - IDT70125L55J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70125L55JG IDT-IDT70125L55JG Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70125L55JGI IDT-IDT70125L55JGI Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
More results

Similar Description - IDT70125L55J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_14 Datasheet
199Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70121S IDT-IDT70121S_06 Datasheet
127Kb / 15P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
logo
Renesas Technology Corp
70121L RENESAS-70121L Datasheet
416Kb / 17P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_17 Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
IDT71V321S IDT-IDT71V321S Datasheet
129Kb / 14P
   HIGH-SPEED 3.3V 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com