Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM3005 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM3005
Description  Ultra Low ON-Resistance,
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM3005 Datasheet(HTML) 2 Page - SG Micro Corp

  SGM3005_15 Datasheet HTML 1Page - SG Micro Corp SGM3005_15 Datasheet HTML 2Page - SG Micro Corp SGM3005_15 Datasheet HTML 3Page - SG Micro Corp SGM3005_15 Datasheet HTML 4Page - SG Micro Corp SGM3005_15 Datasheet HTML 5Page - SG Micro Corp SGM3005_15 Datasheet HTML 6Page - SG Micro Corp SGM3005_15 Datasheet HTML 7Page - SG Micro Corp SGM3005_15 Datasheet HTML 8Page - SG Micro Corp SGM3005_15 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Ultra Low ON-Resistance,
Low Voltage, Dual, SPDT Analog Switch
2
SGM3005
SG Micro Corp
www.sg-micro.com
PACKAGE/ORDERING INFORMATION
MODEL
PIN-
PACKAGE
SPECIFIED
TEMPERATURE
RANGE
ORDERING
NUMBER
PACKAGE
MARKING
PACKAGE
OPTION
MSOP-10
-40
℃ to +125℃
SGM3005XMS/TR
SGM3005XMS
Tape and Reel, 3000
SGM3005
TDFN-3×3-10L
-40
℃ to +125℃
SGM3005XD/TR
SGM3005D
Tape and Reel, 3000
ABSOLUTE MAXIMUM RATINGS
V+ to GND.................................................................-0.3V to 6V
Analog, Digital voltage range
(1)..................-0.3V to (V+) + 0.3V
Continuous Current NO, NC, or COM..........................±300mA
Peak Current NO, NC, or COM....................................±500mA
Operating Temperature Range .......................-40
℃ to +125℃
Junction Temperature .....................................................150
Storage Temperature Range...........................-65
℃ to +150℃
Package Thermal Resistance @ TA = 25
TDFN-3×3-10L, θJA.........................................................33
℃/W
MSOP-10, θJA...............................................................205
℃/W
Lead Temperature (soldering, 10s)..................................260
ESD Susceptibility
HBM.................................................................................2000V
MM.....................................................................................400V
NOTES:
1. Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current
ratings.
2. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD if you don’t pay attention to ESD protection. SGMICRO recommends that all
integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause
damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
SGMICRO reserves the right to make any change in circuit design, specification or other related things if necessary without notice at
any time. Please contact SGMICRO sales office to get the latest datasheet.
PIN DESCRIPTION
NAME
PIN
FUNCTION
V+
1
Power Supply.
GND
6
Ground.
IN1, IN2
4, 8
Digital Control Pin to Connect the COM Terminal to the NO or NC Terminals.
COM1, COM2
3, 9
Common Terminal.
NO1, NO2
2, 10
Normally-Open Terminal.
NC1, NC2
5, 7
Normally-Closed Terminal.
NOTE: NO, NC and COM terminals may be an input or output.


Similar Part No. - SGM3005_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3005XD SGMICRO-SGM3005XD Datasheet
547Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Dual, SPDT Analog Switch
SGM3005XMS SGMICRO-SGM3005XMS Datasheet
547Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Dual, SPDT Analog Switch
SGM3005XMS/TR SGMICRO-SGM3005XMS/TR Datasheet
547Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Dual, SPDT Analog Switch
More results

Similar Description - SGM3005_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com