Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2200-3.6 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM2200-3.6
Description  High Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2200-3.6 Datasheet(HTML) 2 Page - SG Micro Corp

  SGM2200-3.6 Datasheet HTML 1Page - SG Micro Corp SGM2200-3.6 Datasheet HTML 2Page - SG Micro Corp SGM2200-3.6 Datasheet HTML 3Page - SG Micro Corp SGM2200-3.6 Datasheet HTML 4Page - SG Micro Corp SGM2200-3.6 Datasheet HTML 5Page - SG Micro Corp SGM2200-3.6 Datasheet HTML 6Page - SG Micro Corp SGM2200-3.6 Datasheet HTML 7Page - SG Micro Corp SGM2200-3.6 Datasheet HTML 8Page - SG Micro Corp SGM2200-3.6 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
High Voltage Regulators
2
SGM2200
SG Micro Corp
www.sg-micro.com
PACKAGE/ORDERING INFORMATION
MODEL
ORDER NUMBER
PACKAGE
DESCRIPTION
SPECIFIED
TEMPERATURE
RANGE
MARKING
INFORMATION
PACKAGE
OPTION
SGM2200-1.5
SGM2200-1.5YK3G/TR
SOT-89-3
-40
℃ to +85℃
SCFXX
Tape and Reel, 1000
SGM2200-1.8
SGM2200-1.8YK3G/TR
SOT-89-3
-40
℃ to +85℃
SD0XX
Tape and Reel, 1000
SGM2200-2.5
SGM2200-2.5YK3G/TR
SOT-89-3
-40
℃ to +85℃
SD1XX
Tape and Reel, 1000
SGM2200-2.8
SGM2200-2.8YK3G/TR
SOT-89-3
-40
℃ to +85℃
SD2XX
Tape and Reel, 1000
SGM2200-3.0
SGM2200-3.0YK3G/TR
SOT-89-3
-40
℃ to +85℃
SD3XX
Tape and Reel, 1000
SGM2200-3.3
SGM2200-3.3YK3G/TR
SOT-89-3
-40
℃ to +85℃
SB7XX
Tape and Reel, 1000
SGM2200-3.6
SGM2200-3.6YK3G/TR
SOT-89-3
-40
℃ to +85℃
SD4XX
Tape and Reel, 1000
SGM2200-4.4
SGM2200-4.4YK3G/TR
SOT-89-3
-40
℃ to +85℃
SD5XX
Tape and Reel, 1000
SGM2200-5.0
SGM2200-5.0YK3G/TR
SOT-89-3
-40
℃ to +85℃
SD6XX
Tape and Reel, 1000
SGM2200-1.5
SGM2200-1.5YN3LG/TR
SOT-23
-40
℃ to +85℃
SD7XX
Tape and Reel, 3000
SGM2200-1.8
SGM2200-1.8YN3LG/TR
SOT-23
-40
℃ to +85℃
SD8XX
Tape and Reel, 3000
SGM2200-2.5
SGM2200-2.5YN3LG/TR
SOT-23
-40
℃ to +85℃
SD9XX
Tape and Reel, 3000
SGM2200-2.8
SGM2200-2.8YN3LG/TR
SOT-23
-40
℃ to +85℃
SDAXX
Tape and Reel, 3000
SGM2200-3.0
SGM2200-3.0YN3LG/TR
SOT-23
-40
℃ to +85℃
SDBXX
Tape and Reel, 3000
SGM2200-3.3
SGM2200-3.3YN3LG/TR
SOT-23
-40
℃ to +85℃
SCCXX
Tape and Reel, 3000
SGM2200-3.6
SGM2200-3.6YN3LG/TR
SOT-23
-40
℃ to +85℃
SDCXX
Tape and Reel, 3000
SGM2200-4.4
SGM2200-4.4YN3LG/TR
SOT-23
-40
℃ to +85℃
SDDXX
Tape and Reel, 3000
SGM2200-5.0
SGM2200-5.0YN3LG/TR
SOT-23
-40
℃ to +85℃
SCDXX
Tape and Reel, 3000


Similar Part No. - SGM2200-3.6

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2258 SGMICRO-SGM2258 Datasheet
335Kb / 11P
   Full-Speed USB (12Mbps) Switch
SGM2267 SGMICRO-SGM2267 Datasheet
362Kb / 12P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
SGM2268 SGMICRO-SGM2268 Datasheet
403Kb / 10P
   0.4廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
SGM2268YWQ10/T SGMICRO-SGM2268YWQ10/T Datasheet
403Kb / 10P
   0.4廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
SGM2268 SGMICRO-SGM2268_15 Datasheet
342Kb / 11P
   Ultra Low ON-Resistance Dual, SPDT Analog Switch
More results

Similar Description - SGM2200-3.6

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2300 SGMICRO-SGM2300 Datasheet
334Kb / 14P
   High Voltage Regulators
logo
Torex Semiconductor
XC6202_001 TOREX-XC6202_001 Datasheet
1Mb / 32P
   High Voltage Positive Voltage Regulators
XC6202 TOREX-XC6202 Datasheet
265Kb / 25P
   (High Voltage) Positive Voltage Regulators
XC6202 TOREX-XC6202_1 Datasheet
2Mb / 31P
   High Voltage positive Voltage Regulators
logo
Rohm
BD3570YFP-M ROHM-BD3570YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
logo
IXYS Corporation
IXCP20M35 IXYS-IXCP20M35 Datasheet
557Kb / 3P
   High Voltage Current Regulators
IXCP10M45A IXYS-IXCP10M45A Datasheet
557Kb / 3P
   High Voltage Current Regulators
logo
Rohm
BD3571FP-E2 ROHM-BD3571FP-E2 Datasheet
252Kb / 10P
   High Voltage LDO Regulators
logo
IXYS Corporation
IXCP100M35 IXYS-IXCP100M35 Datasheet
557Kb / 3P
   High Voltage Current Regulators
logo
Rohm
BD3570FP ROHM-BD3570FP Datasheet
312Kb / 10P
   High Voltage LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com