Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2200-3.0 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM2200-3.0
Description  High Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2200-3.0 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM2200-3.0 Datasheet HTML 1Page - SG Micro Corp SGM2200-3.0 Datasheet HTML 2Page - SG Micro Corp SGM2200-3.0 Datasheet HTML 3Page - SG Micro Corp SGM2200-3.0 Datasheet HTML 4Page - SG Micro Corp SGM2200-3.0 Datasheet HTML 5Page - SG Micro Corp SGM2200-3.0 Datasheet HTML 6Page - SG Micro Corp SGM2200-3.0 Datasheet HTML 7Page - SG Micro Corp SGM2200-3.0 Datasheet HTML 8Page - SG Micro Corp SGM2200-3.0 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SGM2200
High Voltage Regulators
GENERAL DESCRIPTION
The SGM2200 series is a set of low power high voltage
regulators implemented in CMOS technology. These
devices allow input voltages as high as 26.4V. The
SGM2200 series is available in several fixed and
adjustable output voltages. CMOS technology ensures
low dropout voltage and low quiescent current.
Although designed primarily as fixed voltage regulators,
these devices can be used with external components to
obtain variable voltages and currents.
The SGM2200 series is available in Green SOT-89-3,
SOT-23, TSOT-23-5 and SC70-5 packages. It operates
over an ambient temperature range of -40
℃ to +85℃.
FEATURES
 Low Power Consumption
 Low Dropout Voltage
 Low Temperature Coefficient
 High Input Voltage (up to 26.4V)
 Output Voltage Tolerance: ±3%
 Fixed Outputs of 1.5V, 1.8V, 2.5V, 2.8V, 3.0V, 3.3V,
3.6V, 4.4V and 5.0V
 Adjustable Output Voltages
 -40
℃ to +85℃ Operating Temperature Range
 Available in Green SOT-89-3, SOT-23, TSOT-23-5
and SC70-5 Packages
APPLICATIONS
Battery-Powered Equipmen
t
Communication Equipment
Audio/Video Equipment
SG Micro Corp
www.sg-micro.com
REV. A. 2


Similar Part No. - SGM2200-3.0

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2258 SGMICRO-SGM2258 Datasheet
335Kb / 11P
   Full-Speed USB (12Mbps) Switch
SGM2267 SGMICRO-SGM2267 Datasheet
362Kb / 12P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
SGM2268 SGMICRO-SGM2268 Datasheet
403Kb / 10P
   0.4廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
SGM2268YWQ10/T SGMICRO-SGM2268YWQ10/T Datasheet
403Kb / 10P
   0.4廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
SGM2268 SGMICRO-SGM2268_15 Datasheet
342Kb / 11P
   Ultra Low ON-Resistance Dual, SPDT Analog Switch
More results

Similar Description - SGM2200-3.0

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2300 SGMICRO-SGM2300 Datasheet
334Kb / 14P
   High Voltage Regulators
logo
Torex Semiconductor
XC6202_001 TOREX-XC6202_001 Datasheet
1Mb / 32P
   High Voltage Positive Voltage Regulators
XC6202 TOREX-XC6202 Datasheet
265Kb / 25P
   (High Voltage) Positive Voltage Regulators
XC6202 TOREX-XC6202_1 Datasheet
2Mb / 31P
   High Voltage positive Voltage Regulators
logo
Rohm
BD3570YFP-M ROHM-BD3570YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
logo
IXYS Corporation
IXCP20M35 IXYS-IXCP20M35 Datasheet
557Kb / 3P
   High Voltage Current Regulators
IXCP10M45A IXYS-IXCP10M45A Datasheet
557Kb / 3P
   High Voltage Current Regulators
logo
Rohm
BD3571FP-E2 ROHM-BD3571FP-E2 Datasheet
252Kb / 10P
   High Voltage LDO Regulators
logo
IXYS Corporation
IXCP100M35 IXYS-IXCP100M35 Datasheet
557Kb / 3P
   High Voltage Current Regulators
logo
Rohm
BD3570FP ROHM-BD3570FP Datasheet
312Kb / 10P
   High Voltage LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com