Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2032-4.2 Datasheet(PDF) 8 Page - SG Micro Corp

Part # SGM2032-4.2
Description  RF Linear Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2032-4.2 Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SGM2032-4.2 Datasheet HTML 4Page - SG Micro Corp SGM2032-4.2 Datasheet HTML 5Page - SG Micro Corp SGM2032-4.2 Datasheet HTML 6Page - SG Micro Corp SGM2032-4.2 Datasheet HTML 7Page - SG Micro Corp SGM2032-4.2 Datasheet HTML 8Page - SG Micro Corp SGM2032-4.2 Datasheet HTML 9Page - SG Micro Corp SGM2032-4.2 Datasheet HTML 10Page - SG Micro Corp SGM2032-4.2 Datasheet HTML 11Page - SG Micro Corp SGM2032-4.2 Datasheet HTML 12Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Low Power, Low Dropout,
RF Linear Regulators
8
SGM2032
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = VOUT (NOMINAL) + 0.5V or 2.5V (whichever is greater), CIN = 1μF, COUT = 1μF, CBP = 0.01μF, TA = +25
℃, unless otherwise noted.
Ground Pin Current vs. Input Voltage
0
40
80
120
160
0 0.511.522.5 33.5 4 4.555.5
Input Voltage (V)
SGM2032-3.2YC5G
No Load
Output Voltage vs. Input Voltage
0
0.8
1.6
2.4
3.2
4
00.5 11.5 2 2.5 3 3.5 44.5 55.5
Input Voltage (V)
SGM2032-3.2YN5G
No Load
Dropout Voltage vs. Load Current
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
Load Current (mA)
TA = +25℃
TA = +85℃
SGM2032-3.2YC5G
TA = -40℃


Similar Part No. - SGM2032-4.2

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2030 SGMICRO-SGM2030 Datasheet
296Kb / 12P
   RF- Linear Regulators
SGM2031 SGMICRO-SGM2031 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2031-1.2 SGMICRO-SGM2031-1.2 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2031-1.5 SGMICRO-SGM2031-1.5 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2031-1.8 SGMICRO-SGM2031-1.8 Datasheet
291Kb / 12P
   RF- Linear Regulators
More results

Similar Description - SGM2032-4.2

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2030 SGMICRO-SGM2030 Datasheet
296Kb / 12P
   RF- Linear Regulators
SGM2023 SGMICRO-SGM2023 Datasheet
309Kb / 12P
   RF-Linear Regulators
SGM2024 SGMICRO-SGM2024 Datasheet
325Kb / 12P
   RF-Linear Regulators
SGM2031 SGMICRO-SGM2031 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
SGM2019 SGMICRO-SGM2019 Datasheet
381Kb / 16P
   Low Power Low Dropout RF-Linear Regulators
SGM2008 SGMICRO-SGM2008 Datasheet
549Kb / 10P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2014 SGMICRO-SGM2014 Datasheet
569Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2015 SGMICRO-SGM2015 Datasheet
561Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com