Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2032-3.6 Datasheet(PDF) 5 Page - SG Micro Corp

Part # SGM2032-3.6
Description  RF Linear Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2032-3.6 Datasheet(HTML) 5 Page - SG Micro Corp

  SGM2032-3.6 Datasheet HTML 1Page - SG Micro Corp SGM2032-3.6 Datasheet HTML 2Page - SG Micro Corp SGM2032-3.6 Datasheet HTML 3Page - SG Micro Corp SGM2032-3.6 Datasheet HTML 4Page - SG Micro Corp SGM2032-3.6 Datasheet HTML 5Page - SG Micro Corp SGM2032-3.6 Datasheet HTML 6Page - SG Micro Corp SGM2032-3.6 Datasheet HTML 7Page - SG Micro Corp SGM2032-3.6 Datasheet HTML 8Page - SG Micro Corp SGM2032-3.6 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Low Power, Low Dropout,
RF Linear Regulators
5
SGM2032
SG Micro Corp
www.sg-micro.com
TYPICAL APPLICATION CIRCUITS
OUTPUT
INPUT
2.5V to 5.5V
IN
OUT
EN
FB
GND
CIN
1
μF
ON
OFF
SGM
2032-ADJ
R1
R2
COUT
1
μF
INPUT
2.5V to 5.5V
IN
OUT
BP
GND
CIN
1
μF
CBP
0.01
μF
COUT
1
μF
ON
OFF
SGM2032
EN
OUTPUT
Standard 1% Resistor Values for Common
Output Voltages of Adjustable Voltage Version
VOUT (V)
R1 (kΩ)
R2 (kΩ)
0.8
No Need
40.2
1.0
10.5
40.2
1.5
35.7
40.2
1.8
51.1
40.2
2.5
86.6
40.2
2.7
95.3
40.2
2.85
97.6
37.4
2.9
97.6
37.0
3.0
97.6
35.7
3.6
97.6
28.0
NOTE: VOUT = (R1 + R2)/R2 × 0.8


Similar Part No. - SGM2032-3.6

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2030 SGMICRO-SGM2030 Datasheet
296Kb / 12P
   RF- Linear Regulators
SGM2031 SGMICRO-SGM2031 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2031-1.2 SGMICRO-SGM2031-1.2 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2031-1.5 SGMICRO-SGM2031-1.5 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2031-1.8 SGMICRO-SGM2031-1.8 Datasheet
291Kb / 12P
   RF- Linear Regulators
More results

Similar Description - SGM2032-3.6

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2030 SGMICRO-SGM2030 Datasheet
296Kb / 12P
   RF- Linear Regulators
SGM2023 SGMICRO-SGM2023 Datasheet
309Kb / 12P
   RF-Linear Regulators
SGM2024 SGMICRO-SGM2024 Datasheet
325Kb / 12P
   RF-Linear Regulators
SGM2031 SGMICRO-SGM2031 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
SGM2019 SGMICRO-SGM2019 Datasheet
381Kb / 16P
   Low Power Low Dropout RF-Linear Regulators
SGM2008 SGMICRO-SGM2008 Datasheet
549Kb / 10P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2014 SGMICRO-SGM2014 Datasheet
569Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2015 SGMICRO-SGM2015 Datasheet
561Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com