Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2267 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM2267
Description  Ultra Low ON-Resistance, Dual, SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2267 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM2267 Datasheet HTML 1Page - SG Micro Corp SGM2267 Datasheet HTML 2Page - SG Micro Corp SGM2267 Datasheet HTML 3Page - SG Micro Corp SGM2267 Datasheet HTML 4Page - SG Micro Corp SGM2267 Datasheet HTML 5Page - SG Micro Corp SGM2267 Datasheet HTML 6Page - SG Micro Corp SGM2267 Datasheet HTML 7Page - SG Micro Corp SGM2267 Datasheet HTML 8Page - SG Micro Corp SGM2267 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
0.4Ω Ultra Low ON-Resistance,
SGM2267
Dual, SPDT Analog Switch
3
SG Micro Corp
www.sg-micro.com
PIN CONFIGURATION (TOP VIEW)
V+
2
3
4
5
9
8
7
6
TQFN-2.1×1.6-10L
1
NC1
NO1
NC2
NO2
GND
COM1
IN1
IN2
COM2
10
PIN DESCRIPTION
PIN
NAME
FUNCTION
10
V+
Power Supply.
5
GND
Ground.
8, 7
IN1, IN2
Digital Control Pin to Connect
the COM Terminal to the NO
or NC Terminals.
9, 6
COM1, COM2
Common Terminal.
2, 4
NO1, NO2
Normally-Open Terminal.
1, 3
NC1, NC2
Normally-Closed Terminal.
NOTE: NO, NC and COM terminals may be an input or output.
FUNCTION TABLE
LOGIC
NO
NC
0
OFF
ON
1
ON
OFF
Switches Shown For Logic “0” Input


Similar Part No. - SGM2267

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2268 SGMICRO-SGM2268 Datasheet
403Kb / 10P
   0.4廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
SGM2268YWQ10/T SGMICRO-SGM2268YWQ10/T Datasheet
403Kb / 10P
   0.4廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
SGM2268 SGMICRO-SGM2268_15 Datasheet
342Kb / 11P
   Ultra Low ON-Resistance Dual, SPDT Analog Switch
More results

Similar Description - SGM2267

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM5223 SGMICRO-SGM5223_15 Datasheet
326Kb / 11P
   Ultra Low ON-Resistance Dual SPDT Analog Switch
SGM2268 SGMICRO-SGM2268_15 Datasheet
342Kb / 11P
   Ultra Low ON-Resistance Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM2268 UNIONSEMI-UM2268_16 Datasheet
506Kb / 11P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
logo
AiT Semiconductor Inc.
A4714 AITSEMI-A4714 Datasheet
572Kb / 9P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE LOW VOLTAGE
REV1.1
A4716 AITSEMI-A4716 Datasheet
590Kb / 10P
   DUAL SPDT ANALOG SWITCH ULTRA LOW ON-RESISTANCE, LOW VOLTAGE
REV1.0
logo
SG Micro Corp
SGM3005 SGMICRO-SGM3005 Datasheet
547Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Dual, SPDT Analog Switch
logo
Will Semiconductor Ltd.
WAS4723Q WILLSEMI-WAS4723Q Datasheet
558Kb / 9P
   Low On Resistance, Dual SPDT Analog Switch
WAS4728Q WILLSEMI-WAS4728Q Datasheet
558Kb / 9P
   Low On Resistance Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS4684 ONSEMI-NLAS4684 Datasheet
134Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
January, 2007 ??Rev. 15
NLAS4685 ONSEMI-NLAS4685 Datasheet
93Kb / 10P
   Ultra-Low Resistance Dual SPDT Analog Switch
August, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com