Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2200-1.5 Datasheet(PDF) 6 Page - SG Micro Corp

Part # SGM2200-1.5
Description  High Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2200-1.5 Datasheet(HTML) 6 Page - SG Micro Corp

Back Button SGM2200-1.5 Datasheet HTML 2Page - SG Micro Corp SGM2200-1.5 Datasheet HTML 3Page - SG Micro Corp SGM2200-1.5 Datasheet HTML 4Page - SG Micro Corp SGM2200-1.5 Datasheet HTML 5Page - SG Micro Corp SGM2200-1.5 Datasheet HTML 6Page - SG Micro Corp SGM2200-1.5 Datasheet HTML 7Page - SG Micro Corp SGM2200-1.5 Datasheet HTML 8Page - SG Micro Corp SGM2200-1.5 Datasheet HTML 9Page - SG Micro Corp SGM2200-1.5 Datasheet HTML 10Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
High Voltage Regulators
6
SGM2200
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS
SGM2200-1.5, VIN = 4V, TA = +25
℃, unless otherwise noted.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
VOUT
IOUT = 10mA
1.455
1.500
1.545
V
Output Current
IOUT
30
50
mA
Current Limit
ILIM
55
mA
Line Regulation
OUT
IN
OUT
V
V
V
VIN = 3V to 26.4V, IOUT = 1mA
0.01
%/V
Load Regulation
ΔVOUT
IOUT = 1mA to 30mA
0.7
10
mV
Current Consumption
IQ
No Load
1.7
3.6
μA
Thermal Shutdown Temperature
TSHDN
130
Thermal Shutdown Hysteresis
ΔTSHDN
15
Temperature Coefficient
OUT
A
OUT
V
T
V
IOUT = 10mA, -40
℃ < TA < +85℃
±60
ppm/
SGM2200-1.8, VIN = 4V, TA = +25
℃, unless otherwise noted.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
VOUT
IOUT = 10mA
1.746
1.800
1.854
V
Output Current
IOUT
30
50
mA
Current Limit
ILIM
55
mA
Line Regulation
OUT
IN
OUT
V
V
V
VIN = 3V to 26.4V, IOUT = 1mA
0.01
%/V
Load Regulation
ΔVOUT
IOUT = 1mA to 30mA
0.9
10
mV
Current Consumption
IQ
No Load
1.7
3.6
μA
Thermal Shutdown Temperature
TSHDN
130
Thermal Shutdown Hysteresis
ΔTSHDN
15
Temperature Coefficient
OUT
A
OUT
V
T
V
IOUT = 10mA, -40
℃ < TA < +85℃
±60
ppm/
SGM2200-2.5, VIN = 4.5V, TA = +25
℃, unless otherwise noted.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
VOUT
IOUT = 10mA
2.425
2.500
2.575
V
Output Current
IOUT
30
50
mA
Current Limit
ILIM
55
mA
Line Regulation
OUT
IN
OUT
V
V
V
VIN = 3.5V to 26.4V, IOUT = 1mA
0.01
%/V
Load Regulation
ΔVOUT
IOUT = 1mA to 30mA
1.2
10
mV
Dropout Voltage
IOUT = 1mA
35
mV
Current Consumption
IQ
No Load
1.75
3.8
μA
Thermal Shutdown Temperature
TSHDN
130
Thermal Shutdown Hysteresis
ΔTSHDN
15
Temperature Coefficient
OUT
A
OUT
V
T
V
IOUT = 10mA, -40
℃ < TA < +85℃
±60
ppm/


Similar Part No. - SGM2200-1.5

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2258 SGMICRO-SGM2258 Datasheet
335Kb / 11P
   Full-Speed USB (12Mbps) Switch
SGM2267 SGMICRO-SGM2267 Datasheet
362Kb / 12P
   Ultra Low ON-Resistance, Dual, SPDT Analog Switch
SGM2268 SGMICRO-SGM2268 Datasheet
403Kb / 10P
   0.4廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
SGM2268YWQ10/T SGMICRO-SGM2268YWQ10/T Datasheet
403Kb / 10P
   0.4廓 Ultra Low ON-Resistance, Dual, SPDT Analog Switch
SGM2268 SGMICRO-SGM2268_15 Datasheet
342Kb / 11P
   Ultra Low ON-Resistance Dual, SPDT Analog Switch
More results

Similar Description - SGM2200-1.5

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2300 SGMICRO-SGM2300 Datasheet
334Kb / 14P
   High Voltage Regulators
logo
Torex Semiconductor
XC6202_001 TOREX-XC6202_001 Datasheet
1Mb / 32P
   High Voltage Positive Voltage Regulators
XC6202 TOREX-XC6202 Datasheet
265Kb / 25P
   (High Voltage) Positive Voltage Regulators
XC6202 TOREX-XC6202_1 Datasheet
2Mb / 31P
   High Voltage positive Voltage Regulators
logo
Rohm
BD3570YFP-M ROHM-BD3570YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
logo
IXYS Corporation
IXCP20M35 IXYS-IXCP20M35 Datasheet
557Kb / 3P
   High Voltage Current Regulators
IXCP10M45A IXYS-IXCP10M45A Datasheet
557Kb / 3P
   High Voltage Current Regulators
logo
Rohm
BD3571FP-E2 ROHM-BD3571FP-E2 Datasheet
252Kb / 10P
   High Voltage LDO Regulators
logo
IXYS Corporation
IXCP100M35 IXYS-IXCP100M35 Datasheet
557Kb / 3P
   High Voltage Current Regulators
logo
Rohm
BD3570FP ROHM-BD3570FP Datasheet
312Kb / 10P
   High Voltage LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com