Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2031-2.5 Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM2031-2.5
Description  RF- Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2031-2.5 Datasheet(HTML) 4 Page - SG Micro Corp

  SGM2031-2.5 Datasheet HTML 1Page - SG Micro Corp SGM2031-2.5 Datasheet HTML 2Page - SG Micro Corp SGM2031-2.5 Datasheet HTML 3Page - SG Micro Corp SGM2031-2.5 Datasheet HTML 4Page - SG Micro Corp SGM2031-2.5 Datasheet HTML 5Page - SG Micro Corp SGM2031-2.5 Datasheet HTML 6Page - SG Micro Corp SGM2031-2.5 Datasheet HTML 7Page - SG Micro Corp SGM2031-2.5 Datasheet HTML 8Page - SG Micro Corp SGM2031-2.5 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Low Power, Low Dropout,
RF-Linear Regulators
4
SGM2031
SG Micro Corp
www.sg-micro.com
PIN CONFIGURATION (TOP VIEW)
GND
OUT
12
43
IN
EN
UTDFN-1×1-4L
NC
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
OUT
Regulator Output.
2
GND
Ground.
3
EN
Shutdown Input. A logic low reduces the supply current to 10nA. Connect to
IN for normal operation.
4
IN
Regulator Input. Supply voltage can range from 2.5V to 5.5V. Bypass with a
1μF capacitor to GND.
Exposed
Pad
NC
No Connection.


Similar Part No. - SGM2031-2.5

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2030 SGMICRO-SGM2030 Datasheet
296Kb / 12P
   RF- Linear Regulators
SGM2032 SGMICRO-SGM2032 Datasheet
344Kb / 13P
   RF Linear Regulators
SGM2032-0.9 SGMICRO-SGM2032-0.9 Datasheet
344Kb / 13P
   RF Linear Regulators
SGM2032-1.3 SGMICRO-SGM2032-1.3 Datasheet
344Kb / 13P
   RF Linear Regulators
SGM2032-2.1 SGMICRO-SGM2032-2.1 Datasheet
344Kb / 13P
   RF Linear Regulators
More results

Similar Description - SGM2031-2.5

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2030 SGMICRO-SGM2030 Datasheet
296Kb / 12P
   RF- Linear Regulators
SGM2023 SGMICRO-SGM2023 Datasheet
309Kb / 12P
   RF-Linear Regulators
SGM2024 SGMICRO-SGM2024 Datasheet
325Kb / 12P
   RF-Linear Regulators
SGM2032 SGMICRO-SGM2032 Datasheet
344Kb / 13P
   RF Linear Regulators
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
SGM2019 SGMICRO-SGM2019 Datasheet
381Kb / 16P
   Low Power Low Dropout RF-Linear Regulators
SGM2008 SGMICRO-SGM2008 Datasheet
549Kb / 10P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2014 SGMICRO-SGM2014 Datasheet
569Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2015 SGMICRO-SGM2015 Datasheet
561Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com