Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2031-1.2 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM2031-1.2
Description  RF- Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2031-1.2 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM2031-1.2 Datasheet HTML 1Page - SG Micro Corp SGM2031-1.2 Datasheet HTML 2Page - SG Micro Corp SGM2031-1.2 Datasheet HTML 3Page - SG Micro Corp SGM2031-1.2 Datasheet HTML 4Page - SG Micro Corp SGM2031-1.2 Datasheet HTML 5Page - SG Micro Corp SGM2031-1.2 Datasheet HTML 6Page - SG Micro Corp SGM2031-1.2 Datasheet HTML 7Page - SG Micro Corp SGM2031-1.2 Datasheet HTML 8Page - SG Micro Corp SGM2031-1.2 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Low Power, Low Dropout,
RF-Linear Regulators
3
SGM2031
SG Micro Corp
www.sg-micro.com
ABSOLUTE MAXIMUM RATINGS
IN to GND.................................................................. -0.3V to 6V
Output Short-Circuit Duration ...........................................Infinite
EN to GND................................................................ -0.3V to VIN
OUT to GND............................................... -0.3V to (VIN + 0.3V)
Power Dissipation, PD @ TA = 25
UTDFN-1×1-4L............................................................... 400mW
Package Thermal Resistance
UTDFN-1×1-4L, θJA.......................................................280
℃/W
Operating Temperature Range............................ -40
℃ to +85℃
Junction Temperature........................................................ 150
Storage Temperature Range............................. -65
℃ to +150℃
Lead Temperature (Soldering, 10s)................................... 260
ESD Susceptibility
HBM................................................................................. 4000V
MM......................................................................................400V
NOTE:
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at
these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD if you don’t pay
attention to ESD protection. SGMICRO recommends that all
integrated circuits be handled with appropriate precautions.
Failure to observe proper handling and installation procedures
can cause damage. ESD damage can range from subtle
performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because
very small parametric changes could cause the device not to
meet its published specifications.
SGMICRO reserves the right to make any change in circuit
design, specification or other related things if necessary without
notice at any time. Please contact SGMICRO sales office to get
the latest datasheet.


Similar Part No. - SGM2031-1.2

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2030 SGMICRO-SGM2030 Datasheet
296Kb / 12P
   RF- Linear Regulators
SGM2032 SGMICRO-SGM2032 Datasheet
344Kb / 13P
   RF Linear Regulators
SGM2032-0.9 SGMICRO-SGM2032-0.9 Datasheet
344Kb / 13P
   RF Linear Regulators
SGM2032-1.3 SGMICRO-SGM2032-1.3 Datasheet
344Kb / 13P
   RF Linear Regulators
SGM2032-2.1 SGMICRO-SGM2032-2.1 Datasheet
344Kb / 13P
   RF Linear Regulators
More results

Similar Description - SGM2031-1.2

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2030 SGMICRO-SGM2030 Datasheet
296Kb / 12P
   RF- Linear Regulators
SGM2023 SGMICRO-SGM2023 Datasheet
309Kb / 12P
   RF-Linear Regulators
SGM2024 SGMICRO-SGM2024 Datasheet
325Kb / 12P
   RF-Linear Regulators
SGM2032 SGMICRO-SGM2032 Datasheet
344Kb / 13P
   RF Linear Regulators
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
SGM2019 SGMICRO-SGM2019 Datasheet
381Kb / 16P
   Low Power Low Dropout RF-Linear Regulators
SGM2008 SGMICRO-SGM2008 Datasheet
549Kb / 10P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2014 SGMICRO-SGM2014 Datasheet
569Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2015 SGMICRO-SGM2015 Datasheet
561Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com