Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70T651S8BC Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT70T651S8BC
Description  HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70T651S8BC Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT70T651S8BC Datasheet HTML 4Page - Integrated Device Technology IDT70T651S8BC Datasheet HTML 5Page - Integrated Device Technology IDT70T651S8BC Datasheet HTML 6Page - Integrated Device Technology IDT70T651S8BC Datasheet HTML 7Page - Integrated Device Technology IDT70T651S8BC Datasheet HTML 8Page - Integrated Device Technology IDT70T651S8BC Datasheet HTML 9Page - Integrated Device Technology IDT70T651S8BC Datasheet HTML 10Page - Integrated Device Technology IDT70T651S8BC Datasheet HTML 11Page - Integrated Device Technology IDT70T651S8BC Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
IDT70T651/9S
Preliminary
High-Speed 2.5V 256/128K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
8
RecommendedOperating
Temperature and Supply Voltage(1)
NOTE:
1. This is the parameter TA. This is the "instant on" case temperature.
Grade
Ambient
Temperature
GND
VDD
Commercial
0OC to +70OC0V
2.5V
+ 100mV
Industrial
-40OC to +85OC0V
2.5V
+ 100mV
5632 tbl 04
NOTES:
1. These parameters are determined by device characterization, but are not
production tested.
2. 3dV references the interpolated capacitance when the input and output switch
from 0V to 3V or from 3V to 0V.
3. COUT also references CI/O.
Capacitance(1)
(TA = +25°C, F = 1.0MHZ) PQFP ONLY
Symbol
Parameter
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
8
pF
COUT(3)
Output Capacitance
VOUT = 3dV
10.5
pF
5632 tbl 08
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect
reliability.
2. This is a steady-state DC parameter that applies after the power supply has
reached its nominal operating value. Power sequencing is not necessary;
however, the voltage on any Input or I/O pin cannot exceed VDDQ during power
supply ramp up.
3. Ambient Temperature under DC Bias. No AC Conditions. Chip Deselected.
Recommended DC Operating
Conditions with VDDQ at 2.5V
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Core Supply Voltage
2.4
2.5
2.6
V
VDDQ
I/O Supply Voltage(3)
2.4
2.5
2.6
V
VSS
Ground
0
0
0
V
VIH
Input High Volltage
(Address, Control &
Data I/O Inputs)(3)
1.7
____
VDDQ + 100mV(2)
V
VIH
Input High Voltage _
JTAG
1.7
____
VDD + 100mV(2)
V
VIH
Input High Voltage -
ZZ, OPT, M/S
VDD - 0.2V
____
VDD + 100mV(2)
V
VIL
Input Low Voltage
-0.3(1)
____
0.7
V
VIL
Input Low Voltage -
ZZ, OPT, M/S
-0.3(1)
____
0.2
V
5632 tbl 05
NOTES:
1. VIL (min.) = -1.0V for pulse width less than tRC/2 or 5ns, whichever is less.
2. VIH (max.) = VDDQ + 1.0V for pulse width less than tRC/2 or 5ns, whichever is
less.
3. To select operation at 2.5V levels on the I/Os and controls of a given port, the
OPT pin for that port must be set to VSS(0V), and VDDQX for that port must be
supplied as indicated above.
Absolute Maximum Ratings(1)
Symbol
Rating
Commercial
& Industrial
Unit
VTERM
(VDD)
VDD Terminal Voltage
with Respect to GND
-0.5 to 3.6
V
VTERM(2)
(VDDQ)
VDDQ Terminal Voltage
with Respect to GND
-0.3 to VDDQ + 0.3
V
VTERM(2)
(INPUTS and I/O's)
Input and I/O Terminal
Voltage with Respect to GND
-0.3 to VDDQ + 0.3
V
TBIAS(3)
Temperature
Under Bias
-55 to +125
o
C
TSTG
Storage
Temperature
-65 to +150
o
C
TJN
Junction Temperature
+150
o
C
IOUT(For VDDQ = 3.3V) DC Output Current
50
mA
IOUT(For VDDQ = 2.5V) DC Output Current
40
mA
5632 tbl 07
NOTES:
1. VIL (min.) = -1.0V for pulse width less than tRC/2 or 5ns, whichever is less.
2. VIH (max.) = VDDQ + 1.0V for pulse width less than tRC/2 or 5ns, whichever is
less.
3. To select operation at 3.3V levels on the I/Os and controls of a given port, the
OPT pin for that port must be set to VDD (2.5V), and VDDQX for that port must be
supplied as indicated above.
Recommended DC Operating
Conditions with VDDQ at 3.3V
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Core Supply Voltage
2.4
2.5
2.6
V
VDDQ
I/O Supply Voltage(3)
3.15
3.3
3.45
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
(Address, Control
&Data I/O Inputs)(3)
2.0
____
VDDQ + 150mV(2)
V
VIH
Input High Voltage _
JTAG
1.7
____
VDD + 100mV(2)
V
VIH
Input High Voltage -
ZZ, OPT, M/S
VDD - 0.2V
____
VDD + 100mV(2)
V
VIL
Input Low Voltage
-0.3(1)
____
0.8
V
VIL
Input Low Voltage -
ZZ, OPT, M/S
-0.3(1)
____
0.2
V
5632 tbl 06


Similar Part No. - IDT70T651S8BC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T651 IDT-IDT70T651 Datasheet
739Kb / 28P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T651 IDT-IDT70T651 Datasheet
266Kb / 28P
   HIGH-SPEED ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T651 IDT-IDT70T651_15 Datasheet
739Kb / 28P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T651 IDT-IDT70T651_17 Datasheet
266Kb / 28P
   HIGH-SPEED ASYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - IDT70T651S8BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70T651 RENESAS-70T651 Datasheet
431Kb / 29P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
MAY 2019
70T653M RENESAS-70T653M Datasheet
509Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
JUNE 2019
logo
Integrated Device Techn...
IDT70T653M IDT-IDT70T653M Datasheet
309Kb / 24P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
IDT70T651 IDT-IDT70T651_15 Datasheet
739Kb / 28P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70T633 RENESAS-70T633 Datasheet
513Kb / 28P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
AUGUST 2019
logo
Integrated Device Techn...
IDT70T633 IDT-IDT70T633 Datasheet
342Kb / 27P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
IDT70T3719 IDT-IDT70T3719 Datasheet
303Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T3719 RENESAS-70T3719 Datasheet
605Kb / 26P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
70T3339 RENESAS-70T3339 Datasheet
628Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T3399 IDT-IDT70T3399 Datasheet
485Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com