Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2019 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM2019
Description  Low Power Low Dropout RF-Linear Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2019 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM2019 Datasheet HTML 1Page - SG Micro Corp SGM2019 Datasheet HTML 2Page - SG Micro Corp SGM2019 Datasheet HTML 3Page - SG Micro Corp SGM2019 Datasheet HTML 4Page - SG Micro Corp SGM2019 Datasheet HTML 5Page - SG Micro Corp SGM2019 Datasheet HTML 6Page - SG Micro Corp SGM2019 Datasheet HTML 7Page - SG Micro Corp SGM2019 Datasheet HTML 8Page - SG Micro Corp SGM2019 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SGM2019
Low Power, Low Dropout,
RF-Linear Regulators
GENERAL DESCRIPTION
The SGM2019 series low-power, low-noise, low-dropout,
CMOS linear voltage regulators operate from a 2.5V to
5.5V input voltage. They are the perfect choice for low
voltage, low power applications. A low ground current
makes this part attractive for battery operated power
systems. The SGM2019 series also offer ultra low
dropout voltage to prolong battery life in portable
electronics. Systems requiring a quiet voltage source,
such as RF applications, will benefit from the SGM2019
series’ ultra low output noise (30µVRMS) and high PSRR.
An external noise bypass capacitor connected to the
device’s BP pin can further reduce the noise level.
The output voltage is preset to voltages in the range of
1.2V to 5.0V. Other features include a 10nA logic-
controlled shutdown mode, foldback current limit and
thermal shutdown protection.
The SGM2019 is available in Green SOT-23-5 and
SC70-5 packages. It operates over an ambient
temperature range of -40
℃ to +85℃.
APPLICATIONS
Cellular Telephones
Cordless Telephones
PCMCIA Cards
Modems
MP3 Player
Hand-Held Instruments
Palmtop Computers
Electronic Planners
Portable/Battery-Powered Equipment
FEATURES
Low Output Noise
Low Dropout Voltage
Thermal-Overload Protection
Output Current Limit
High PSRR (74dB at 1kHz)
10nA Logic-Controlled Shutdown
Available in Multiple Output Voltage Versions
Fixed Outputs of 1.2V, 1.5V, 1.8V, 2.5V, 2.6V, 2.8V,
2.85V, 3.0V and 3.3V
Adjustable Output from 1.2V to 5.0V
-40
℃ to +85℃ Operating Temperature Range
Available in Green SC70-5 and SOT-23-5 Packages
PRODUCT NAME STRUCTURE
SGM2019 - X X X G / TR
Operating Temperature Range
Output Voltages
Package Type
Green Product
Tape and Reel
C5
SC70-5
N5
SOT-23-5
Y
-40
℃ to +85℃
1.2
1.2V
1.5
1.5V
1.8
1.8V
2.5
2.5V
2.6
2.6V
2.8
2.8V
2.85
2.85V
3.0
3.0V
3.3
3.3V
ADJ
Adjustable
REV. C
SG Micro Corp
www.sg-micro.com


Similar Part No. - SGM2019

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SGM2013 SONY-SGM2013 Datasheet
54Kb / 5P
   GaAs N-channel Dual-Gate MES FET
logo
SG Micro Corp
SGM2013 SGMICRO-SGM2013 Datasheet
519Kb / 10P
   300mA, Low Power, Low Dropout, 3 -Terminal, Linear Regulators
SGM2013-1.8 SGMICRO-SGM2013-1.8 Datasheet
519Kb / 10P
   300mA, Low Power, Low Dropout, 3 -Terminal, Linear Regulators
SGM2013-1.8XK3 SGMICRO-SGM2013-1.8XK3 Datasheet
519Kb / 10P
   300mA, Low Power, Low Dropout, 3 -Terminal, Linear Regulators
SGM2013-1.8XK3/TR SGMICRO-SGM2013-1.8XK3/TR Datasheet
519Kb / 10P
   300mA, Low Power, Low Dropout, 3 -Terminal, Linear Regulators
More results

Similar Description - SGM2019

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2008 SGMICRO-SGM2008 Datasheet
549Kb / 10P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2014 SGMICRO-SGM2014 Datasheet
569Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2006 SGMICRO-SGM2006 Datasheet
580Kb / 11P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
SGM2007 SGMICRO-SGM2007 Datasheet
579Kb / 11P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2015 SGMICRO-SGM2015 Datasheet
561Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2028 SGMICRO-SGM2028 Datasheet
340Kb / 12P
   500mA Ultra Low Dropout Low Power, RF Linear Regulators
SGM2021 SGMICRO-SGM2021 Datasheet
348Kb / 12P
   Low Power Low Dropout Linear Regulators
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
SG2010 SGMICRO-SG2010 Datasheet
526Kb / 9P
   150mA, Low Power, Low Dropout, Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com