Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM722 Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM722
Description  CMOS Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM722 Datasheet(HTML) 4 Page - SG Micro Corp

  SGM722 Datasheet HTML 1Page - SG Micro Corp SGM722 Datasheet HTML 2Page - SG Micro Corp SGM722 Datasheet HTML 3Page - SG Micro Corp SGM722 Datasheet HTML 4Page - SG Micro Corp SGM722 Datasheet HTML 5Page - SG Micro Corp SGM722 Datasheet HTML 6Page - SG Micro Corp SGM722 Datasheet HTML 7Page - SG Micro Corp SGM722 Datasheet HTML 8Page - SG Micro Corp SGM722 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
970μA, 10MHz, Rail-to-Rail I/O
SGM721/2/3/4
CMOS Operational Amplifiers
4
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS
At TA = +25
℃, VCM = Vs/2, RL= 600Ω, unless otherwise noted.
Closed-Loop Output Voltage Swing
0
1
2
3
4
5
6
10
100
1000
10000
Frequency (kHz)
VS = 5V
VIN = 4.9VP-P
TA = 25℃
RL = 2kΩ
G = +1
Positive Overload Recovery
Time (500ns/div)
-50mV
0V
0V
+2.5V
VS = ±2.5V
RL = 1kΩ
VIN = 50mV
G = 100
Output Impedance vs. Frequency
0
20
40
60
80
100
1
10
100
1000
10000
Frequency (kHz)
VS = 5V
G = 100
G = 10
G = 1
Negative Overload Recovery
Time (500ns/div)
-50mV
0V
0V
+2.5V
VS = ±2.5V
RL = 10kΩ
VIN = 50mV
G = 100
Large-Signal Step Response
Small-Signal Step Response
Time (500ns/div)
Time (200ns/div)
VS = 5V
G = +1
CL = 200pF
RL = 10kΩ
VS = 5V
G = +1
CL = 100pF
RL = 10kΩ


Similar Part No. - SGM722

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM722 SGMICRO-SGM722 Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM722 SGMICRO-SGM722 Datasheet
501Kb / 19P
   CMOS Operational Amplifiers
SGM722 SGMICRO-SGM722 Datasheet
1Mb / 21P
   CMOS Operational Amplifiers
SGM7222 SGMICRO-SGM7222 Datasheet
711Kb / 16P
   DPDT Analog Switch
SGM7223 SGMICRO-SGM7223 Datasheet
680Kb / 13P
   DPDT Analog Switch
More results

Similar Description - SGM722

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com