Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM721 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM721
Description  CMOS Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM721 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM721 Datasheet HTML 1Page - SG Micro Corp SGM721 Datasheet HTML 2Page - SG Micro Corp SGM721 Datasheet HTML 3Page - SG Micro Corp SGM721 Datasheet HTML 4Page - SG Micro Corp SGM721 Datasheet HTML 5Page - SG Micro Corp SGM721 Datasheet HTML 6Page - SG Micro Corp SGM721 Datasheet HTML 7Page - SG Micro Corp SGM721 Datasheet HTML 8Page - SG Micro Corp SGM721 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SGM721/2/3/4
970μA, 10MHz, Rail-to-Rail I/O
CMOS Operational Amplifiers
PRODUCT DESCRIPTION
The SGM721 (single), SGM722 (dual), SGM723 (single
with shutdown) and SGM724 (quad) are low noise, low
voltage, and low power operational amplifiers, that can
be designed into a wide range of applications. The
SGM721/2/3/4 have a high gain-bandwidth product of
10MHz, a slew rate of 8.5V/μs, and a quiescent current of
0.97mA/amplifier at 5V. The SGM723 has a power-down
disable feature that reduces the supply current to 0.16μA.
The SGM721/2/3/4 are designed to provide optimal
performance in low voltage and low noise systems. They
provide rail-to-rail output swing into heavy loads. The
input common mode voltage range includes ground, and
the maximum input offset voltage is 4mV for
SGM721/2/3/4. They are specified over the extended
industrial temperature range (-40
℃ to +125℃). The
operating range is from 2.5V to 5.5V.
The single version, SGM721 is available in Green
SC70-5, SOT-23-5 and SOIC-8 packages. SGM723 is
available in Green SOT-23-6 and SOIC-8 packages. The
dual version SGM722 is available in Green SOIC-8 and
MSOP-8 packages. The quad version SGM724 is
available in Green SOIC-14 and TSSOP-14 packages.
APPLICATIONS
Sensors
Audio
Active Filters
A/D Converters
Communications
Test Equipment
Cellular and Cordless Phones
Laptops and PDAs
Photodiode Amplification
Battery-Powered Instrumentation
FEATURES
 Low Cost
 Rail-to-Rail Input and Output
1mV Typical VOS
 High Gain-Bandwidth Product: 10MHz
 High Slew Rate: 8.5V/μs
 Settling Time to 0.1% with 2V Step: 0.36μs
 Overload Recovery Time: 0.4μs
 Low Noise : 8nV/ Hz
 Supply Voltage Range: 2.5V to 5.5V
 Input Voltage Range: -0.1V to +5.6V with VS = 5.5V
 Low Supply Current
0.97mA/Amplifier (TYP)
0.16μA Shutdown Current for SGM723
 Small Packaging
SGM721 Available in SC70-5, SOT-23-5 and SOIC-8
SGM722 Available in MSOP-8 and SOIC-8
SGM723 Available in SOT-23-6 and SOIC-8
SGM724 Available in TSSOP-14 and SOIC-14
PIN CONFIGURATIONS (TOP VIEW)
+VS
-IN
1
2
3
4
5
OUT
-VS
+IN
SGM721
SC70-5/SOT-23-5
OUTB
+VS
+INB
OUTA 1
2
3
4
5
6
7
8
-INA
+INA
-VS
-INB
SGM722
SOIC-8/MSOP-8
(SGM723 ONLY)
-IN
+IN
-VS
NC
1
2
3
4
5
6
7
8
+VS
SGM721/723
SOIC-8
NC
OUT
DISABLE
NC = NO CONNECT
10
11
12
13
14
1
2
3
4
5
OUTA
-INA
+INA
-VS
+VS
-IND
+IND
SGM724
TSSOP-14/SOIC-14
6
7
9
8
-INB
+INB
-INC
OUTB
OUTC
+INC
OUTD
OUT
6
1
2
3
4
5
-VS
+IN
+VS
DISABLE
-IN
SOT-23-6
SGM723
REV. B. 3
SG Micro Corp
www.sg-micro.com


Similar Part No. - SGM721

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM721 SGMICRO-SGM721 Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM721 SGMICRO-SGM721 Datasheet
501Kb / 19P
   CMOS Operational Amplifiers
SGM721 SGMICRO-SGM721 Datasheet
1Mb / 21P
   CMOS Operational Amplifiers
SGM721XC5/TR SGMICRO-SGM721XC5/TR Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM721XC5/TR SGMICRO-SGM721XC5/TR Datasheet
1Mb / 21P
   CMOS Operational Amplifiers
More results

Similar Description - SGM721

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com