Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM721 Datasheet(PDF) 9 Page - SG Micro Corp

Part # SGM721
Description  CMOS Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM721 Datasheet(HTML) 9 Page - SG Micro Corp

Back Button SGM721_15 Datasheet HTML 5Page - SG Micro Corp SGM721_15 Datasheet HTML 6Page - SG Micro Corp SGM721_15 Datasheet HTML 7Page - SG Micro Corp SGM721_15 Datasheet HTML 8Page - SG Micro Corp SGM721_15 Datasheet HTML 9Page - SG Micro Corp SGM721_15 Datasheet HTML 10Page - SG Micro Corp SGM721_15 Datasheet HTML 11Page - SG Micro Corp SGM721_15 Datasheet HTML 12Page - SG Micro Corp SGM721_15 Datasheet HTML 13Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
970μA, 10MHz, Rail-to-Rail I/O
SGM721/2/3/4
CMOS Operational Amplifiers
9
SG Micro Corp
www.sg-micro.com
APPLICATION NOTES
Driving Capacitive Loads
The SGM721/2/3/4 can directly drive 4700pF in unity-gain
without oscillation. The unity-gain follower (buffer) is the most
sensitive configuration to capacitive loading. Direct capacitive
loading reduces the phase margin of amplifiers and this results
in ringing or even oscillation. Applications that require greater
capacitive driving capability should use an isolation resistor
between the output and the capacitive load like the circuit in
Figure 1. The isolation resistor RISO and the load capacitor CL
form a zero to increase stability. The bigger the RISO resistor
value, the more stable VOUT will be. Note that this method
results in a loss of gain accuracy because RISO forms a voltage
divider with the RLOAD.
VIN
VOUT
SGM721
CL
RISO
Figure 1. Indirectly Driving Heavy Capacitive Load
An improved circuit is shown in Figure 2. It provides DC
accuracy as well as AC stability. RF provides the DC accuracy
by connecting the inverting signal with the output. CF and RISO
serve to counteract the loss of phase margin by feeding the
high frequency component of the output signal back to the
amplifier’s inverting input, thereby preserving phase margin in
the overall feedback loop.
VIN
VOUT
SGM721
CL
RISO
RL
RF
CF
Figure 2. Indirectly Driving Heavy Capacitive Load with DC
Accuracy
For non-buffer configuration, there are two other ways to
increase the phase margin: (a) by increasing the amplifier’s
gain or (b) by placing a capacitor in parallel with the feedback
resistor to counteract the parasitic capacitance associated with
inverting node.
Power-Supply Bypassing and Layout
The SGM721/2/3/4 operate from either a single +2.5V to +5.5V
supply or dual ±1.25V to ±2.75V supplies. For single-supply
operation, bypass the power supply +VS with a 0.1µF ceramic
capacitor which should be placed close to the +VS pin. For
dual-supply operation, both the +VS and the -VS supplies should
be bypassed to ground with separate 0.1µF ceramic capacitors.
2.2µF tantalum capacitor can be added for better performance.
Good PC board layout techniques optimize performance by
decreasing the amount of stray capacitance at the op amp’s
inputs and output. To decrease stray capacitance, minimize
trace lengths and widths by placing external components as
close to the device as possible. Use surface-mount components
whenever possible.
For the operational amplifier, soldering the part to the board
directly is strongly recommended. Try to keep the high
frequency big current loop area small to minimize the EMI
(electromagnetic interfacing).
SGM721
VDD
Vn
Vp
VSS
VOUT
10μF
0.1μF
10μF
0.1μF
SGM721
Vn
Vp
VDD
VSS(GND)
VOUT
10μF
0.1μF
Figure 3. Amplifier with Bypass Capacitors
Grounding
A ground plane layer is important for SGM72x circuit design.
The length of the current path speed currents in an inductive
ground return will create an unwanted voltage noise. Broad
ground plane areas will reduce the parasitic inductance.
Input-to-Output Coupling
To minimize capacitive coupling, the input and output signal
traces should not be parallel. This helps reduce unwanted
positive feedback.


Similar Part No. - SGM721_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM721 SGMICRO-SGM721_16 Datasheet
1Mb / 21P
   CMOS Operational Amplifiers
More results

Similar Description - SGM721_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com