Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V05S Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT70V05S
Description  HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V05S Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT70V05S Datasheet HTML 1Page - Integrated Device Technology IDT70V05S Datasheet HTML 2Page - Integrated Device Technology IDT70V05S Datasheet HTML 3Page - Integrated Device Technology IDT70V05S Datasheet HTML 4Page - Integrated Device Technology IDT70V05S Datasheet HTML 5Page - Integrated Device Technology IDT70V05S Datasheet HTML 6Page - Integrated Device Technology IDT70V05S Datasheet HTML 7Page - Integrated Device Technology IDT70V05S Datasheet HTML 8Page - Integrated Device Technology IDT70V05S Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
6.35
4
IDT70V05S/L
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
COMMERCIAL TEMPERATURE RANGE
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
Ambient
Grade
Temperature
GND
VCC
Commercial
0
°C to +70°C
0V
3.3V
± 0.3V
2941 tbl 05
TRUTH TABLE I – NON-CONTENTION READ/WRITE CONTROL
Inputs
(1)
Outputs
CE
CE
CE
CE
CE
R/
W
W
W
W
W
OE
OE
OE
OE
OE
SEM
SEM
SEM
SEM
SEM
I/O0-7
Mode
H
X
X
H
High-Z
Deselected: Power Down
L
L
X
H
DATAIN
Write to Memory
L
H
L
H
DATAOUT
Read Memory
X
X
H
X
High-Z
Outputs Disabled
NOTE:
2941 tbl 02
1. A0L — A12L
≠ A0R — A12R.
TRUTH TABLE II – SEMAPHORE READ/WRITE CONTROL(1)
Inputs
Outputs
CE
CE
CE
CE
CE
R/
W
W
W
W
W
OE
OE
OE
OE
OE
SEM
SEM
SEM
SEM
SEM
I/O0-7
Mode
H
H
L
L
DATAOUT
Read Data in Semaphore Flag
H
X
L
DATAIN
Write DIN0 into Semaphore Flag
L
X
X
L
Not Allowed
NOTE:
2941 tbl 03
1. There are eight semaphore flags written to via I/O0 and read from all I/O's (I/O0-I/O7). These eight semaphores are addressed by A0 - A2.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Commercial Unit
VTERM
(2)
Terminal Voltage
–0.5 to +4.6
V
with Respect
to GND
TA
Operating
0 to +70
°C
Temperature
TBIAS
Temperature
–55 to +125
°C
Under Bias
TSTG
Storage
–55 to +125
°C
Temperature
IOUT
DC Output
50
mA
Current
NOTES:
2941 tbl 04
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied.
Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VTERM must not exceed Vcc + 0.3V.
CAPACITANCE(1)
(TA = +25
°C, f = 1.0MHz)TQFP ONLY
Symbol
Parameter
Conditions
(1)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
11
pF
COUT
Output
VOUT = 3dV
11
pF
Capacitance
NOTES:
2941 tbl 07
1. This parameter is determined by device characterization but is not
production tested.
2. 3dV represents the interpolated capacitance when the input and output
signals switch from 0V to 3V or from 3V to 0V.
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max. Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.0
Vcc+0.3 V
VIL
Input Low Voltage
-0.3
(1)
0.8
V
NOTES:
2941 tbl 06
1. VIL
≥ -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 0.5V.


Similar Part No. - IDT70V05S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
162Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S15G IDT-IDT70V05S15G Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S15GI IDT-IDT70V05S15GI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V05S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com