Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM358 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM358
Description  CMOS Operational Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM358 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM358 Datasheet HTML 1Page - SG Micro Corp SGM358 Datasheet HTML 2Page - SG Micro Corp SGM358 Datasheet HTML 3Page - SG Micro Corp SGM358 Datasheet HTML 4Page - SG Micro Corp SGM358 Datasheet HTML 5Page - SG Micro Corp SGM358 Datasheet HTML 6Page - SG Micro Corp SGM358 Datasheet HTML 7Page - SG Micro Corp SGM358 Datasheet HTML 8Page - SG Micro Corp SGM358 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SGM321/SGM358/SGM324
1MHz, 60μA, Rail-to-Rail I/O
CMOS Operational Amplifiers
PRODUCT DESCRIPTION
The SGM321 (single), SGM358 (dual) and SGM324
(quad) are low cost, rail-to-rail input and output voltage
feedback amplifiers. They have a wide input common
mode voltage range and output voltage swing, and take
the minimum operating supply voltage down to 2.1V. The
maximum recommended supply voltage is 5.5V. All are
specified over the extended -40
℃ to +85℃ temperature
range.
The SGM321/358/324 provide 1MHz bandwidth at a low
current consumption of 60μA per amplifier. Very low input
bias currents of 10pA enable SGM321/358/324 to be
used
for
integrators,
photodiode
amplifiers,
and
piezoelectric sensors. Rail-to-rail input and output are
useful to designers for buffering ASIC in single-supply
systems.
Applications for this series of amplifiers include safety
monitoring, portable equipment, battery and power supply
control, and signal conditioning and interfacing for
transducers in very low power systems.
The SGM321 is available in the Green SOT-23-5 and
SC70-5 packages. The SGM358 comes in the Green
SOIC-8, MSOP-8 and DIP-8 packages. The SGM324 is
offered in the Green SOIC-14 and TSSOP-14 packages.
APPLICATIONS
ASIC Input or Output Amplifier
Sensor Interface
Piezoelectric Transducer Amplifier
Medical Instrumentation
Mobile Communication
Audio Output
Portable Systems
Smoke Detectors
Notebook PC
PCMCIA Cards
Battery-Powered Equipment
FEATURES
 Low Cost
 Rail-to-Rail Input and Output
0.8mV Typical VOS
 Unity Gain Stable
 Gain-Bandwidth Product: 1MHz
 Very Low Input Bias Current: 10pA
 Supply Voltage Range: 2.1V to 5.5V
 Input Voltage Range:
-0.1V to +5.6V with VS = 5.5V
 Low Supply Current: 60μA/Amplifier
 Small Packaging
SGM321 Available in SOT-23-5 and SC70-5
SGM358 Available in SOIC-8, MSOP-8 and DIP-8
SGM324 Available in SOIC-14 and TSSOP-14
PIN CONFIGURATIONS (TOP VIEW)
OUT A
OUT B
+INB
+VS
1
2
3
4
5
6
7
8
-INA
+INA
-VS
-INB
SGM358
SOIC-8/MSOP-8/DIP-8
1
2
3
4
5
OUT A
-IN A
+IN A
-VS
+VS
-IND
+IND
SGM324
TSSOP-14/SOIC-14
6
7
8
9
10
11
12
13
14
-INB
+INB
-INC
OUT B
OUT C
+INC
OUT D
+VS
-IN
1
2
3
4
5
-VS
+IN
SGM321YN5
SGM321YC5
SOT-23-5/SC70-5
OUT
+VS
-IN
1
2
3
4
5
-VS
+IN
SOT-23-5
OUT
SGM321BYN5
DSP Interface
REV. D. 4
SG Micro Corp
www.sg-micro.com


Similar Part No. - SGM358

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM358 SGMICRO-SGM358 Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM358 SGMICRO-SGM358 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM358 SGMICRO-SGM358 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
SGM358YMS SGMICRO-SGM358YMS Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM358YMS/TR SGMICRO-SGM358YMS/TR Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
More results

Similar Description - SGM358

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com