Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM330A Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM330A
Description  Quad, Wide-Bandwidth SPDT Video Analog Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM330A Datasheet(HTML) 3 Page - SG Micro Corp

  SGM330A_15 Datasheet HTML 1Page - SG Micro Corp SGM330A_15 Datasheet HTML 2Page - SG Micro Corp SGM330A_15 Datasheet HTML 3Page - SG Micro Corp SGM330A_15 Datasheet HTML 4Page - SG Micro Corp SGM330A_15 Datasheet HTML 5Page - SG Micro Corp SGM330A_15 Datasheet HTML 6Page - SG Micro Corp SGM330A_15 Datasheet HTML 7Page - SG Micro Corp SGM330A_15 Datasheet HTML 8Page - SG Micro Corp SGM330A_15 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Quad, Wide-Bandwidth
SGM330A
SPDT Video Analog Switch
3
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS
(At V+ = +5V, TA = +25
℃, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
0
V+
V
DC CHARACTERISTICS
On-Resistance
RON
0V
≤ VS1 or VS2 ≤ V+, ID = 13mA
12
18
Input High Voltage
VIH
2
V
Input Low Voltage
VIL
0.6
V
Input High Current
IIH
V+ = 5.5V, VIN and VEN = V+
±1
μA
Input Low Current
IIL
V+ = 5.5V, VIN and VEN = 0V
±1
μA
Analog Output Leakage Current
IO
V+ = 5.5V, VS1 or VS2 = 3.3V/0.3V,
VD = 0.3V/3.3V
±1
μA
Clamp Diode Voltage
VIK
IIN = -18mA
-1
V
DYNAMIC CHARACTERISTICS
Turn-On Time
TON
RL = 75Ω, CL = 20pF ( Figure 1)
25
ns
Turn-Off Time
TOFF
RL = 75Ω, CL = 20pF ( Figure 1)
13
ns
Off Isolation
OIRR
RL = 150Ω, f = 10MHz ( Figure 5)
-58
dB
Channel-to-Channel Crosstalk
XTALK
RIN = 10Ω, RL = 150Ω, f = 10MHz ( Figure 4)
-60
dB
-3dB Bandwidth
BW
RL = 150Ω ( Figure 3)
500
MHz
Input/Enable Capacitance
CIN
f = 1MHz
4
pF
Switch OFF Capacitance
COFF
f = 1MHz
4
pF
Switch ON Capacitance
CON
f = 1MHz
8
pF
Differential Gain
DG
RL = 150Ω, f = 3.58MHz ( Figure 2)
0.5
%
Differential Phase
DP
RL = 150Ω, f = 3.58MHz ( Figure 2)
0.03
°
POWER REQUIREMENTS
Power Supply Current
ICC
V+ = +5.5V, VIN and VEN = 5V/0V
0.1
20
μA
Supply Current per Input
@ TTL HIGH
ΔICC
V+ = +5.5V, VIN or VEN = 3.4V
300
μA


Similar Part No. - SGM330A_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM330A-YQS SGMICRO-SGM330A-YQS Datasheet
491Kb / 13P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
SGM330A-YQS/TR SGMICRO-SGM330A-YQS/TR Datasheet
491Kb / 13P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
SGM330A-YS SGMICRO-SGM330A-YS Datasheet
491Kb / 13P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
SGM330A-YS/TR SGMICRO-SGM330A-YS/TR Datasheet
491Kb / 13P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
SGM330A-YTS SGMICRO-SGM330A-YTS Datasheet
491Kb / 13P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
More results

Similar Description - SGM330A_15

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330_14 Datasheet
359Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A Datasheet
491Kb / 13P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330 Datasheet
221Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Pericom Semiconductor C...
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
logo
STMicroelectronics
STMAV340 STMICROELECTRONICS-STMAV340 Datasheet
1Mb / 21P
   Low ON Resistance Quad, SPDT, Wide-Bandwidth Video Switch
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
logo
Texas Instruments
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com