Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT6116LA120TDB Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT6116LA120TDB
Description  CMOS STATIC RAM 16K (2K x 8 BIT)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6116LA120TDB Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT6116LA120TDB Datasheet HTML 3Page - Integrated Device Technology IDT6116LA120TDB Datasheet HTML 4Page - Integrated Device Technology IDT6116LA120TDB Datasheet HTML 5Page - Integrated Device Technology IDT6116LA120TDB Datasheet HTML 6Page - Integrated Device Technology IDT6116LA120TDB Datasheet HTML 7Page - Integrated Device Technology IDT6116LA120TDB Datasheet HTML 8Page - Integrated Device Technology IDT6116LA120TDB Datasheet HTML 9Page - Integrated Device Technology IDT6116LA120TDB Datasheet HTML 10Page - Integrated Device Technology IDT6116LA120TDB Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
IDT6116SA/LA
CMOS Static RAM 2K (16K x 8-Bit)
Military, Commercial, and In dustrial Temperature Ranges
AC Electrical Characteristics (VCC = 5V ± 10%, All Temperature Ranges)
NOTES:
1. 0°C to +70°C temperature range only.
2. –55°C to +125°C temperature range only.
3. This parameter guaranteed with AC Load (Figure 2) by device characterization, but is not production tested.
4. The specification for tDH must be met by the device supplying write data to the RAM under all operation conditions. Although tDH and tOW values will vary over voltage
and temperature, the actual tDH will always be smaller than the actual tOW.
AC Electrical Characteristics (VCC = 5V ± 10%, All Temperature Ranges) (continued)
6116SA15(1)
6116SA20
6116LA20
6116SA25
6116LA25
6116SA35
6116LA35
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Write Cycle
tWC
Write Cycle Time
15
____
20
____
25
____
35
____
ns
tCW
Chip Select to End-of-Write
13
____
15
____
17
____
25
____
ns
tAW
Address Valid to End-of-Write
14
____
15
____
17
____
25
____
ns
tAS
Address Set-up Time
0
____
0
____
0
____
0
____
ns
tWP
Write Pulse Width
12
____
12
____
15
____
20
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
0
____
ns
tWHZ(3)
Write to Output in High-Z
____
7
____
8
____
16
____
20
ns
tDW
Data to Write Time Overlap
12
____
12
____
13
____
15
____
ns
tDH(4)
Data Hold from Write Time
0
____
0
____
0
____
0
____
ns
tOW(3,4)
Output Active from End-of-Write
0
____
0
____
0
____
0
____
ns
3089 tbl 14
6116SA45
6116LA45
6116SA55(2)
6116LA55(2)
6116SA70(2)
6116LA70(2)
6116SA90(2)
6116LA90(2)
6116SA120(2)
6116LA120(2)
6116SA150(2)
6116LA150(2)
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Write Cycle
tWC
Write Cycle Time
45
____
55
____
70
____
90
____
120
____
150
____
ns
tCW
Chip Select to End-of-Write
30
____
40
____
40
____
55
____
70
____
90
____
ns
tAW
Address Valid to End-of-Write
30
____
45
____
65
____
80
____
105
____
120
____
ns
tAS
Address Set-up Time
0
____
5
____
15
____
15
____
20
____
20
____
ns
tWP
Write Pulse Width
25
____
40
____
40
____
55
____
70
____
90
____
ns
tWR
Write Recovery Time
0
____
5
____
5
____
5
____
5
____
10
____
ns
tWHZ(3)
Write to Output in High-Z
____
25
____
30
____
35
____
40
____
40
____
40
ns
tDW
Data to Write Time Overlap
20
____
25
____
30
____
30
____
35
____
40
____
ns
tDH(4)
Data Hold from Write Time
0
____
5
____
5
____
5
____
5
____
10
____
ns
tOW(3,4)
Output Active from End-of-Write
0
____
0
____
0
____
0
____
0
____
0
____
ns
3089 tbl 15


Similar Part No. - IDT6116LA120TDB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA_14 Datasheet
87Kb / 11P
   High-speed access and chip select times
More results

Similar Description - IDT6116LA120TDB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
   2K x 8 Asynchronous CMOS Static RAM
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
   CMOS 16K-BIT STATIC RAM
logo
Winbond
W24129A WINBOND-W24129A Datasheet
199Kb / 9P
   16K X 8 HIGH-SPEED CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A Datasheet
217Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A_07 Datasheet
193Kb / 10P
   2K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com