Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7016S15J Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7016S15J
Description  HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7016S15J Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7016S15J Datasheet HTML 1Page - Integrated Device Technology IDT7016S15J Datasheet HTML 2Page - Integrated Device Technology IDT7016S15J Datasheet HTML 3Page - Integrated Device Technology IDT7016S15J Datasheet HTML 4Page - Integrated Device Technology IDT7016S15J Datasheet HTML 5Page - Integrated Device Technology IDT7016S15J Datasheet HTML 6Page - Integrated Device Technology IDT7016S15J Datasheet HTML 7Page - Integrated Device Technology IDT7016S15J Datasheet HTML 8Page - Integrated Device Technology IDT7016S15J Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
6.13
2
IDT7016S/L
HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
Left Port
Right Port
Names
CEL
CER
Chip Enable
R/
WL
R/
WR
Read/Write Enable
OEL
OER
Output Enable
A0L – A13L
A0R – A13R
Address
I/O0L – I/O8L
I/O0R – I/O8R
Data Input/Output
SEML
SEMR
Semaphore Enable
INTL
INTR
Interrupt Flag
BUSYL
BUSYR
Busy Flag
M/
S
Master or Slave Select
VCC
Power
GND
Ground
Using the IDT MASTER/SLAVE Dual-Port RAM approach in
18-bit or wider memory system applications results in full-
speed, error-free operation without the need for additional
discrete logic.
This device provides two independent ports with separate
control, address, and I/O pins that permit independent,
asynchronous access for reads or writes to any location in
memory. An automatic power down feature controlled by
CE
permits the on-chip circuitry of each port to enter a very low
standby power mode.
Fabricated using IDT’s CMOS high-performance technol-
ogy, these devices typically operate on only 750mW of power.
The IDT7016 is packaged in a ceramic 68-pin PGA, a 64-
pin PLCC and an 80-pin TQFP (Thin Quad FlatPack). Military
grade product is manufactured in compliance with the latest
revision of MIL-STD-883, Class B, making it ideally suited to
military temperature applications demanding the highest level
of performance and reliability.
PIN CONFIGURATIONS(1,2)
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. This text does not imply orientation of Part-Mark.
PIN NAMES
3190 tbl 01
3190 drw 02
12
13
14
15
16
17
18
INDEX
19
20
21
22
987
6543
21 68 67 66 65
27 28 29 30 31 32 33 34 35 36 37 38 39
VCC
I/O1R
I/O2R
I/O3R
I/O4R
INTL
GND
A4L
A3L
A2L
A1L
A0L
A3R
A0R
A1R
A2R
I/O2L
A5L
11
10
M/
S
23
24
25
26
40 41 42 43
58
57
56
55
54
53
52
51
50
49
48
59
60
47
46
45
44
64 63 62 61
I/O3L
GND
I/O0R
VCC
A4R
BUSYL
GND
BUSYR
INTR
IDT7016
J68-1
PLCC
TOP VIEW(3)
I/O4L
I/O5L
I/O6L
I/O7L
I/O5R
I/O6R


Similar Part No. - IDT7016S15J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016S15JG IDT-IDT7016S15JG Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S15JGB IDT-IDT7016S15JGB Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S15JGI IDT-IDT7016S15JGI Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7016S15J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_14 Datasheet
351Kb / 21P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S IDT-IDT7016S_06 Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S35PF8 IDT-IDT7016S35PF8 Datasheet
169Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159 CYPRESS-CY7C09159 Datasheet
452Kb / 15P
   8K/16K x 9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com