Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7015L Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT7015L
Description  HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7015L Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT7015L Datasheet HTML 5Page - Integrated Device Technology IDT7015L Datasheet HTML 6Page - Integrated Device Technology IDT7015L Datasheet HTML 7Page - Integrated Device Technology IDT7015L Datasheet HTML 8Page - Integrated Device Technology IDT7015L Datasheet HTML 9Page - Integrated Device Technology IDT7015L Datasheet HTML 10Page - Integrated Device Technology IDT7015L Datasheet HTML 11Page - Integrated Device Technology IDT7015L Datasheet HTML 12Page - Integrated Device Technology IDT7015L Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
IDT7015S/L
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.12
9
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE(5)
IDT7015X12
IDT7015X15
IDT7015X17
Com'l. Only
Com'l. Only
Com'l. Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
WRITE CYCLE
tWC
Write Cycle Time
12
15
17
ns
tEW
Chip Enable to End-of-Write
(3)
10
12
12
ns
tAW
Address Valid to End-of-Write
10
12
12
ns
tAS
Address Set-up Time
(3)
0
0
0
ns
tWP
Write Pulse Width
10
12
12
ns
tWR
Write Recovery Time
2
2
2
ns
tDW
Data Valid to End-of-Write
10
10
10
ns
tHZ
Output High-Z Time
(1, 2)
10
10
10
ns
tDH
Data Hold Time
(4)
0
0
0
ns
tWZ
Write Enable to Output in High-Z
(1, 2)
10
10
10
ns
tOW
Output Active from End-of-Write
(1, 2, 4)
3
3
0
ns
tSWRD
SEM Flag Write to Read Time
5
5
5
ns
tSPS
SEM Flag Contention Window
5
5
5
ns
IDT7015X20
IDT7015X25
IDT7015X35
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
WRITE CYCLE
tWC
Write Cycle Time
20
25
35
ns
tEW
Chip Enable to End-of-Write
(3)
15
20
30
ns
tAW
Address Valid to End-of-Write
15
20
30
ns
tAS
Address Set-up Time
(3)
0—
0—
0—
ns
tWP
Write Pulse Width
15
20
25
ns
tWR
Write Recovery Time
2
2
2
ns
tDW
Data Valid to End-of-Write
15
15
15
ns
tHZ
Output High-Z Time
(1, 2)
—12—15
—20
ns
tDH
Data Hold Time
(4)
0—
0—
0—
ns
tWZ
Write Enable to Output in High-Z
(1, 2)
—12—15
—20
ns
tOW
Output Active from End-of-Write
(1, 2, 4)
3—
3—
3—
ns
tSWRD
SEM Flag Write to Read Time
5
5
5
ns
tSPS
SEM Flag Contention Window
5
5
5
ns
NOTES:
2954 tbl 12
1. Transition is measured
±200mV from Low or High-impedance voltage with the Output test load (Figure 2).
2. This parameter is guaranteed by device characterization but not tested.
3. To access RAM,
CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. Either condition must be valid for the entire tEW time.
4. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary
over voltage and temperature, the actual tDH will always be smaller than the actual tOW.
5. "X" in part numbers indicates power rating (S or L).


Similar Part No. - IDT7015L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015L IDT-IDT7015L Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015L12G IDT-IDT7015L12G Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015L12GB IDT-IDT7015L12GB Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015L12GI IDT-IDT7015L12GI Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015L12J IDT-IDT7015L12J Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7015L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_06 Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com