Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7006L17PF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7006L17PF
Description  HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7006L17PF Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7006L17PF Datasheet HTML 1Page - Integrated Device Technology IDT7006L17PF Datasheet HTML 2Page - Integrated Device Technology IDT7006L17PF Datasheet HTML 3Page - Integrated Device Technology IDT7006L17PF Datasheet HTML 4Page - Integrated Device Technology IDT7006L17PF Datasheet HTML 5Page - Integrated Device Technology IDT7006L17PF Datasheet HTML 6Page - Integrated Device Technology IDT7006L17PF Datasheet HTML 7Page - Integrated Device Technology IDT7006L17PF Datasheet HTML 8Page - Integrated Device Technology IDT7006L17PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
6.07
2
IDT7006S/L
HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
memory system applications results in full-speed, error-free
operation without the need for additional discrete logic.
This device provides two independent ports with separate
control, address, and I/O pins that permit independent,
asynchronous access for reads or writes to any location in
memory. An automatic power down feature controlled by
CE
permits the on-chip circuitry of each port to enter a very low
standby power mode.
Fabricated using IDT’s CMOS high-performance technol-
ogy, these devices typically operate on only 750mW of power.
Low-power (L) versions offer battery backup data retention
capability with typical power consumption of 500
µW from a 2V
battery.
The IDT7006 is packaged in a ceramic 68-pin PGA, a 68-
pin quad flatpack, a 68-pin PLCC, and a 64-pin TQFP (thin
plastic quad flatpack) . Military grade product is manufactured
in compliance with the latest revision of MIL-STD-883, Class
B, making it ideally suited to military temperature applications
demanding the highest level of performance and reliability.
PIN CONFIGURATIONS (1,2)
INDEX
IDT7006
PN-64
TQFP
TOP VIEW(3)
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
46
45
44
43
42
41
40
39
38
37
36
35
34
47
48
33
I/O2L
VCC
GND
GND
A4R
BUSYL
BUSYR
INTR
INTL
GND
M/
S
I/O3L
I/O4L
I/O5L
I/O6L
I/O7L
I/O0R
I/O1R
I/O2R
VCC
I/O3R
I/O4R
I/O5R
A3R
A2R
A1R
A0R
A0L
A1L
A2L
A3L
A4L
2739 drw 03
2739 drw 02
12
13
14
15
16
17
18
INDEX
19
20
21
22
987
6543
21 68 67 66 65
27 28 29 30 31 32 33 34 35 36 37 38 39
VCC
I/O1R
I/O2R
I/O3R
I/O4R
INTL
GND
A4L
A3L
A2L
A1L
A0L
A3R
A0R
A1R
A2R
I/O2L
A5L
11
10
M/
S
23
24
25
26
40 41 42 43
58
57
56
55
54
53
52
51
50
49
48
59
60
47
46
45
44
64 63 62 61
I/O3L
GND
I/O0R
VCC
A4R
BUSYL
GND
BUSYR
INTR
IDT7006
J68-1
F68-1
PLCC / FLATPACK
TOP VIEW(3)
I/O4L
I/O5L
I/O6L
I/O7L
I/O5R
I/O6R
NOTES:
1. All Vcc pins must be connected to the power supply.
2. All GND pins must be connected to the ground supply.
3. This text does not indicate orientation of the the actual part-marking.


Similar Part No. - IDT7006L17PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7006L IDT-IDT7006L Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7006L17PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S_15 Datasheet
682Kb / 23P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S_18 Datasheet
207Kb / 23P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
IDT70V06S IDT-IDT70V06S Datasheet
171Kb / 22P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V06 RENESAS-70V06 Datasheet
305Kb / 24P
   HIGH-SPEED 3.3V 16K x 8 DUAL-PORT STATIC RAM
Feb.07.20
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_14 Datasheet
351Kb / 21P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S IDT-IDT7016S_06 Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S35PF8 IDT-IDT7016S35PF8 Datasheet
169Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com