Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT6178S15P Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT6178S15P
Description  CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6178S15P Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT6178S15P Datasheet HTML 1Page - Integrated Device Technology IDT6178S15P Datasheet HTML 2Page - Integrated Device Technology IDT6178S15P Datasheet HTML 3Page - Integrated Device Technology IDT6178S15P Datasheet HTML 4Page - Integrated Device Technology IDT6178S15P Datasheet HTML 5Page - Integrated Device Technology IDT6178S15P Datasheet HTML 6Page - Integrated Device Technology IDT6178S15P Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
11.1
1
IDT6178S
CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGE
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
MAY 1994
©1994 Integrated Device Technology, Inc.
DSC-1059/2
CMOS StaticRAM
16K (4K x 4-BIT)
CACHE-TAG RAM
IDT6178S
FEATURES:
• High-speed Address to MATCH Valid time
Military: 12/15/20/25ns
Commercial: 10/12/15/20/25ns (max.)
• High-speed Address Access time
Military: 12/15/20/25ns
Commercial: 10/12/15/20/25ns (max.)
• Low-power consumption
IDT6178S
Active: 300mW (typ.)
• Produced with advanced CMOS high-performance
technology
• Input and output TTL-compatible
• Standard 22-pin Plastic or Ceramic DIP, 24-pin SOJ
• Military product 100% compliant to MIL-STD-883,
Class B
DESCRIPTION:
The IDT6178 is a high-speed cache address comparator
sub-system consisting of a 16,384-bit StaticRAM organized
as 4K x 4. Cycle Time and Address to MATCH Valid are equal.
The IDT6178 features an onboard 4-bit comparator that
compares RAM contents and current input data. The result is
an active HIGH on the MATCH pin. The MATCH pins of
several IDT6178s can be handed together to provide enabling
or acknowledging signals to the data cache or processor.
The IDT6178 is fabricated using IDT’s high-performance,
high-reliability CMOS technology. Address to MATCH and
Data to MATCH times are as fast as 10ns.
All inputs and outputs of the IDT6178 are TTL-compatible
and the device operates from a single 5V supply.
The IDT6178 is packaged in either a 22-pin, 300-mil Plastic
or Ceramic DIP package or 24-pin SOJ. Military grade product
is manufactured in compliance with latest revision of MIL-
STD-883, Class B, making it ideally suited to military tempera-
ture applications demanding the highest level of performance
and reliability.
FUNCTIONAL BLOCK DIAGRAM
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
1
A0
2953 drw 01
A11
ADDRESS
DECODE
I/O0 – I/O3
WE
OE
CLR
CONTROL
16,384-BIT
MEMORY
ARRAY
CONTROL I/O
COMPARATOR
CLEAR
MEMORY
ARRAY
4
4
4
4
MATCH
VCC
GND
11.1


Similar Part No. - IDT6178S15P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116LA IDT-IDT6116LA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120DB IDT-IDT6116LA120DB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120TDB IDT-IDT6116LA120TDB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA150DB IDT-IDT6116LA150DB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA20P IDT-IDT6116LA20P Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
More results

Similar Description - IDT6178S15P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71215 IDT-IDT71215 Datasheet
155Kb / 14P
   BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For the PentiumO Processor
IDT71216 IDT-IDT71216 Datasheet
154Kb / 14P
   BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For PowerPCO and RISC Processors
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
logo
Motorola, Inc
MCM67T415 MOTOROLA-MCM67T415 Datasheet
98Kb / 3P
   16K x 15 Bit Cache Tag RAM for Pentium Processors
logo
UMC Corporation
UM61166 UMC-UM61166 Datasheet
488Kb / 8P
   4K x 16 CMOS CACHE RAM
logo
Renesas Technology Corp
IDT71215 RENESAS-IDT71215 Datasheet
322Kb / 17P
   BiCMOS Static RAM 240K (16K x 15-Bit) Cache-Tag RAM for the Pentium™ Processor
OCTOBER 1999
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
logo
Integrated Device Techn...
IDT71B74 IDT-IDT71B74 Datasheet
105Kb / 9P
   BiCMOS STATIC RAM 64K (8K x 8-BIT) CACHE-TAG RAM
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com