Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT6116LA35TDB Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT6116LA35TDB
Description  CMOS STATIC RAM 16K (2K x 8 BIT)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6116LA35TDB Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT6116LA35TDB Datasheet HTML 3Page - Integrated Device Technology IDT6116LA35TDB Datasheet HTML 4Page - Integrated Device Technology IDT6116LA35TDB Datasheet HTML 5Page - Integrated Device Technology IDT6116LA35TDB Datasheet HTML 6Page - Integrated Device Technology IDT6116LA35TDB Datasheet HTML 7Page - Integrated Device Technology IDT6116LA35TDB Datasheet HTML 8Page - Integrated Device Technology IDT6116LA35TDB Datasheet HTML 9Page - Integrated Device Technology IDT6116LA35TDB Datasheet HTML 10Page - Integrated Device Technology IDT6116LA35TDB Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
6.42
IDT6116SA/LA
CMOS Static RAM 2K (16K x 8-Bit)
Military, Commercial, and In dustrial Temperature Ranges
11
Datasheet Document History
1/7/00
Updated to new format
Pg. 1, 3, 4, 10
Added Industrial Temperature range offerings
Pg. 9, 10
Separated ordering information into military, commercial, and industrial temperature range offerings
Pg. 11
Added Datasheet Document History
08/09/00
Not recommended for new designs
02/01/01
Removed "Not recommended for new designs"
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
sramhelp@idt.com
Santa Clara, CA 95054
fax:408-492-8674
800 544-7726, x4033
www.idt.com
The IDT logo is a registered trademark of Integrated Device Technology, Inc.


Similar Part No. - IDT6116LA35TDB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA_14 Datasheet
87Kb / 11P
   High-speed access and chip select times
More results

Similar Description - IDT6116LA35TDB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
   2K x 8 Asynchronous CMOS Static RAM
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
   CMOS 16K-BIT STATIC RAM
logo
Winbond
W24129A WINBOND-W24129A Datasheet
199Kb / 9P
   16K X 8 HIGH-SPEED CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A Datasheet
217Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A_07 Datasheet
193Kb / 10P
   2K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com