Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS10N60 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MS10N60
Description  600V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS10N60 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MS10N60 Datasheet HTML 1Page - Bruckewell Technology LTD MS10N60 Datasheet HTML 2Page - Bruckewell Technology LTD MS10N60 Datasheet HTML 3Page - Bruckewell Technology LTD MS10N60 Datasheet HTML 4Page - Bruckewell Technology LTD MS10N60 Datasheet HTML 5Page - Bruckewell Technology LTD MS10N60 Datasheet HTML 6Page - Bruckewell Technology LTD MS10N60 Datasheet HTML 7Page - Bruckewell Technology LTD MS10N60 Datasheet HTML 8Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MS10N60
600V N-Channel MOSFET
Publication Order Number: [MS10N60]
© Bruckewell Technology Corporation Rev. A -2014
General Description
The MS13N50 is a N-channel enhancement-mode
MOSFET, providing the designer with the best
combination of fast switching, ruggedized device design,
low on-resistance and cost effectiveness. The TO-220
package is universally preferred for all
commercial-industrial applications
Features
• Low On Resistance
• Simple Drive Requirement
• Low Gate Charge
• Fast Switching Characteristic
• RoHS compliant package
Packing Information
Shipping:50/Tube ; 1,000/Box
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (Tc=25°C unless otherwise specified)
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage
600
V
VGS
Gate-Source Voltage
±30
V
ID
Drain Current -Continuous (TC=25°C)
9.5
A
Drain Current -Continuous (TC=100°C)
5.7
A
IDM
Drain Current
–Pulsed
38
A
EAS
Avalanche Energy
700
mJ
EAR
Repetitive Avalanche Energy
15.6
mJ
dv/dt
Peak Diode Recovery dV/dt
4.5
V/ns
PD
Power Dissipation (TC=25°C)
50
W
Power Dissipation (TC=100°C)
0.38
W/°C
TJ/TSTG
Operating Junction and Storage Temperature
-55 to +150
°C


Similar Part No. - MS10N60

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS10N65 BWTECH-MS10N65 Datasheet
884Kb / 6P
   N-Channel Enhancement Mode Power MOSFET
MS10N65SJ BWTECH-MS10N65SJ Datasheet
744Kb / 6P
   N-Channel Super Junction MOSFET
More results

Similar Description - MS10N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com