Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT49FCT806CTP Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT49FCT806CTP
Description  FAST CMOS BUFFER/CLOCK DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49FCT806CTP Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT49FCT806CTP Datasheet HTML 1Page - Integrated Device Technology IDT49FCT806CTP Datasheet HTML 2Page - Integrated Device Technology IDT49FCT806CTP Datasheet HTML 3Page - Integrated Device Technology IDT49FCT806CTP Datasheet HTML 4Page - Integrated Device Technology IDT49FCT806CTP Datasheet HTML 5Page - Integrated Device Technology IDT49FCT806CTP Datasheet HTML 6Page - Integrated Device Technology IDT49FCT806CTP Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
OCTOBER 1995
©1996 Integrated Device Technology, Inc.
9.2
DSC-2920/5
1
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
IDT49FCT805BT/CT
IDT49FCT806BT/CT
IDT49FCT805T
IDT49FCT806T
FEATURES:
• 0.5 MICRON CMOS Technology
• Guaranteed low skew < 500ps (max.)
• Very low duty cycle distortion < 600ps (max.)
• Low CMOS power levels
• TTL compatible inputs and outputs
• TTL level output voltage swings
• High drive: -32mA IOH, 48mA IOL
• Two independent output banks with 3-state control
• 1:5 fanout per bank
• ‘Heartbeat’ monitor output
• ESD > 2000V per MIL-STD-883, Method 3015;
> 200V using machine model (C = 200pF, R = 0)
• Available in DIP, SOIC, SSOP, QSOP, Cerpack and
LCC packages
OEA
5
5
INA
INB
OEB
OA1-OA5
OB1-OB5
MON
2920 drw 01
FAST CMOS
BUFFER/CLOCK DRIVER
• Military product compliant to MIL-STD-883, Class B
DESCRIPTION:
The IDT49FCT805BT/CT and IDT49FCT806BT/CT are
clock drivers built using advanced dual metal CMOS technol-
ogy. The IDT49FCT805BT/CT is a non-inverting clock driver
and the IDT49FCT806BT/CT is an inverting clock driver. Each
device consists of two banks of drivers. Each bank drives five
output buffers from a standard TTL compatible input. The
805BT/CT and 806BT/CT have extremely low output skew,
pulse skew, and package skew. The devices has a "heart-
beat" monitor for diagnostics and PLL driving. The MON
output is identical to all other outputs and complies with the
output specifications in this document. The 805BT/CT and
806BT/CT offer low capacitance inputs with hysteresis.
FUNCTIONAL BLOCK DIAGRAMS
OEA
5
5
INA
INB
OEB
OA1-OA5
OB1-OB5
2920 drw 02
MON


Similar Part No. - IDT49FCT806CTP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT806 IDT-IDT49FCT806 Datasheet
126Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT806 RENESAS-IDT49FCT806 Datasheet
230Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT49FCT806A IDT-IDT49FCT806A Datasheet
126Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT806AD IDT-IDT49FCT806AD Datasheet
126Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT806ADB IDT-IDT49FCT806ADB Datasheet
126Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
More results

Similar Description - IDT49FCT806CTP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT805 IDT-IDT49FCT805_09 Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805AQGI IDT-IDT49FCT3805AQGI Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT805BT RENESAS-IDT49FCT805BT Datasheet
243Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT806 RENESAS-IDT49FCT806 Datasheet
230Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT74FCT810BT IDT-IDT74FCT810BT Datasheet
107Kb / 6P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805 IDT-IDT49FCT805 Datasheet
126Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT806 IDT-IDT49FCT806_09 Datasheet
74Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805APY IDT-IDT49FCT3805APY Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
74FCT810T RENESAS-74FCT810T Datasheet
224Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Pericom Semiconductor C...
PI49FCT805T PERICOM-PI49FCT805T Datasheet
421Kb / 8P
   Fast CMOS Buffer/Clock Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com