Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS6N95 Datasheet(PDF) 4 Page - Bruckewell Technology LTD

Part # MS6N95
Description  950V N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS6N95 Datasheet(HTML) 4 Page - Bruckewell Technology LTD

  MS6N95 Datasheet HTML 1Page - Bruckewell Technology LTD MS6N95 Datasheet HTML 2Page - Bruckewell Technology LTD MS6N95 Datasheet HTML 3Page - Bruckewell Technology LTD MS6N95 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MS6N95
950V N-Channel MOSFET
Publication Order Number: [MS6N95]
© Bruckewell Technology Corporation Rev. A -2014
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE
WITHOUT NOTICE TO IMPROVE RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Bruckewell Technology Inc., its affiliates, agents, and employees, and all persons acting on its or
their behalf (collectively, “Bruckewell”), disclaim any and all liability for any errors, inaccuracies or
incompleteness contained in any datasheet or in any other disclosure relating to any product.
Bruckewell makes no warranty, representation or guarantee regarding the suitability of the products
for any particular purpose or the continuing production of any product. To the maximum extent
permitted by applicable law, Bruckewell disclaims
(i)
Any and all liability arising out of the application or use of any product.
(ii) Any and all liability, including without limitation special, consequential or incidental damages.
(iii) Any and all implied warranties, including warranties of fitness for particular purpose,
non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on
Bruc
kewell’s knowledge of typical requirements that are often placed on Bruckewell products in
generic applications.
Such statements are not binding statements about the suitability of products for a particular
application. It is the customer’s responsibility to validate that a particular product with the properties
described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance
may vary over time.
Product specifications do not expand or otherwise modify Bruckewell’s terms and conditions of
purchase, including but not limited to the warranty expressed therein.


Similar Part No. - MS6N95

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS6N90 BWTECH-MS6N90 Datasheet
1Mb / 8P
   900V N-Channel MOSFET
More results

Similar Description - MS6N95

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9N95 UTC-9N95 Datasheet
263Kb / 6P
   9A, 950V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
VBM195R06 VBSEMI-VBM195R06 Datasheet
983Kb / 11P
   N-Channel 950V (D-S ) Super Junction Power MOSFET
VBM195R09 VBSEMI-VBM195R09 Datasheet
983Kb / 11P
   N-Channel 950V (D-S ) Super Junction Power MOSFET
logo
Infineon Technologies A...
IPA95R310PFD7 INFINEON-IPA95R310PFD7 Datasheet
1Mb / 14P
   MOSFET 950V CoolMOSª PFD7 SJ Power Device
Rev. 2.1, 2022-04-22
IPB95R450PFD7 INFINEON-IPB95R450PFD7 Datasheet
1Mb / 14P
   MOSFET 950V CoolMOSª PFD7 SJ Power Device
Rev. 2.1, 2022-04-22
IPN95R1K2P7 INFINEON-IPN95R1K2P7 Datasheet
1Mb / 14P
   MOSFET 950V CoolMOSª P7 SJ Power Device
Rev. 2.0, 2018-06-01
IPA95R750P7 INFINEON-IPA95R750P7 Datasheet
1Mb / 14P
   MOSFET 950V CoolMOSª P7 SJ Power Device
Rev. 2.3, 2020-01-31
IPA95R1K2P7 INFINEON-IPA95R1K2P7 Datasheet
1Mb / 14P
   MOSFET 950V CoolMOSª P7 SJ Power Device
Rev. 2.3, 2020-01-30
IPD95R450P7 INFINEON-IPD95R450P7 Datasheet
1Mb / 14P
   MOSFET 950V CoolMOSª P7 SJ Power Device
Rev. 2.2, 2022-01-12
IPD95R750P7 INFINEON-IPD95R750P7 Datasheet
1Mb / 14P
   MOSFET 950V CoolMOSª P7 SJ Power Device
Rev. 2.3, 2022-01-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com