Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT6168LA Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT6168LA
Description  CMOS STATIC RAM 16K (4K x 4-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6168LA Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT6168LA Datasheet HTML 1Page - Integrated Device Technology IDT6168LA Datasheet HTML 2Page - Integrated Device Technology IDT6168LA Datasheet HTML 3Page - Integrated Device Technology IDT6168LA Datasheet HTML 4Page - Integrated Device Technology IDT6168LA Datasheet HTML 5Page - Integrated Device Technology IDT6168LA Datasheet HTML 6Page - Integrated Device Technology IDT6168LA Datasheet HTML 7Page - Integrated Device Technology IDT6168LA Datasheet HTML 8Page - Integrated Device Technology IDT6168LA Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
6.42
IDT6168SA/LA
CMOS Static RAM 16K (4K x 4-Bit)
Military, Industrial, and Co mmercial Temperature Ranges
5
Timing Waveform of Read Cycle No. 1(1, 2)
Timing Waveform of Read Cycle No. 2(1, 3)
NOTES:
1.
WE is HIGH for Read cycle.
2.
CS is LOW for Read cycle.
3. Device is continuously selected,
CS is LOW.
3. Address valid prior to or coincident with
CS transition LOW.
4. Transition is measured ±200mV from steady state.
AC Electrical Characteristics (VCC = 5.0V ± 10%, All Temperature Ranges)
3090 drw 06
ADDRESS
DATAOUT
tRC
tAA
tOH
PREVIOUS DATA VALID
DATA VALID
,
tPD
3090 drw 07
DATAOUT
CS
tACS
(4)
tCLZ
(3)
tCHZ
tPU
ICC
ISB
SUPPLY
CURRENT
VCC
tRC
DATAOUT VALID
HIGH IMPEDANCE
HIGH IMPEDANCE
,
NOTES:
1. 0° to +70°C temperature range only.
2. –55°C to +125°C temperature range only.
3. This parameter is guaranteed with AC Test load (Figure 2) by device characterization, but is not production tested.
Symbol
Parameter
6168SA15
(1)
6168SA20
(1)
6168LA20
(1)
6168SA25
6168LA25
6168SA45
(2)
6168LA45
(2)
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Read Cycle
tRC
Read Cycle Time
15
____
20
____
25
____
45
____
ns
tAA
Address Access Time
____
15
____
20
____
25
____
45
ns
tACS
Chip Select Access Time
____
15
____
20
____
25
____
45
ns
tCLZ
(3)
Chip Select to Output in Low-Z
3
____
5
____
5
____
5
____
ns
tCHZ
(3)
Chip Desele ct to Output in High-Z
____
8
____
10
____
10
____
25
ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
3
____
ns
tPU
(3)
Chip Sele ct to Power Up Time
0
____
0
____
0
____
0
____
ns
tPD
(3)
Chip Deselect to Power Down Time
____
35
____
20
____
25
____
40
ns
3090 tbl 12


Similar Part No. - IDT6168LA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6167 IDT-IDT6167 Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA IDT-IDT6167LA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100D IDT-IDT6167LA100D Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100DB IDT-IDT6167LA100DB Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6167LA100P IDT-IDT6167LA100P Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
More results

Similar Description - IDT6168LA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT6178S IDT-IDT6178S Datasheet
72Kb / 7P
   CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
   CMOS 16K-BIT STATIC RAM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
logo
Cypress Semiconductor
CY7C164 CYPRESS-CY7C164 Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C164 CYPRESS-CY7C164_06 Datasheet
266Kb / 9P
   16K x 4 Static RAM
logo
Motorola, Inc
MCM6288C MOTOROLA-MCM6288C Datasheet
325Kb / 6P
   16K * 4 BIT STATIC RAM
logo
List of Unclassifed Man...
IMS1423 ETC-IMS1423 Datasheet
298Kb / 8P
   HIGH PERFORMANCE 4K X 4 CMOS STATIC RAM
logo
Integrated Device Techn...
IDT6198S IDT-IDT6198S Datasheet
79Kb / 8P
   CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com