Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT61298SA Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT61298SA
Description  CMOS STATIC RAM 256K (64K x 4-BIT)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT61298SA Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT61298SA Datasheet HTML 1Page - Integrated Device Technology IDT61298SA Datasheet HTML 2Page - Integrated Device Technology IDT61298SA Datasheet HTML 3Page - Integrated Device Technology IDT61298SA Datasheet HTML 4Page - Integrated Device Technology IDT61298SA Datasheet HTML 5Page - Integrated Device Technology IDT61298SA Datasheet HTML 6Page - Integrated Device Technology IDT61298SA Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
7.1
2
IDT61298SA
CMOS STATIC RAM 256K (64K x 4-BIT)
COMMERCIAL TEMPERATURE RANGE
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Com’l.
Unit
VTERM
(2)
Terminal Voltage
–0.5 to +7.0
V
with Respect
to GND
TA
Operating
0 to +70
°C
Temperature
TBIAS
Temperature
–55 to +125
°C
Under Bias
TSTG
Storage
–55 to +125
°C
Temperature
PT
Power Dissipation
1.0
W
IOUT
DC Output
50
mA
Current
NOTES:
2971 tbl 02
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied.
Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VTERM must not exceed VCC + 0.5V.
DESCRIPTION (Continued)
circuitry, along with matching access and cycle times, favor
the simplified system design approach.
The IDT61298SA is packaged in a 300 mil, 28-pin SOJ,
providing improved board-level packing densities.
PIN CONFIGURATION
SOJ
TOP VIEW
CAPACITANCE
(TA = +25
°C, f = 1.0MHz, SOJ Package)
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
5
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
NOTE:
2971 tbl 03
1. This parameter is determined by device characterization, but is not
production tested.
TRUTH TABLE
(1,2)
CS
CS
OE
OE
WE
WE
I/O
Function
L
L
H
DATAOUT
Read Data
L
X
L
DATAIN
Write Data
L
H
H
High-Z
Outputs Disabled
H
X
X
High-Z
Deselected - Standby (ISB)
VHC
(3)
X
X
High-Z
Deselected - Standby (ISB1)
NOTES:
2971 tbl 01
1. H = VIH, L = VIL, x = Don't care.
2. VLC = 0.2V, VHC = VCC -0.2V.
3. Other inputs
≥VHC or ≤VLC.
2971 drw 02
5
6
7
8
9
10
11
12
1
2
3
4
24
23
22
21
20
19
18
17
SO28-5
13
14
28
27
26
25
16
15
NC
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
CS
OE
GND
VCC
A15
A14
A13
A12
A11
A10
NC
NC
I/O3
I/O2
I/O1
I/O0
WE
PIN DESCRIPTIONS
Name
Description
A0–A14
Addresses
I/O0–I/O7
Data Input/Output
CS
Chip Select
WE
Write Enable
OE
Output Enable
GND
Ground
VCC
Power
2971 tbl 04


Similar Part No. - IDT61298SA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
More results

Similar Description - IDT61298SA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
   CMOS 64K X 4 STATIC RAM
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
   64K x 4 Bit Static RAM
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
MCM6709B MOTOROLA-MCM6709B Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709BR MOTOROLA-MCM6709BR Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709R MOTOROLA-MCM6709R Datasheet
146Kb / 8P
   64K x 4 Bit Static RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com