Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT49C466APQF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT49C466APQF
Description  64-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49C466APQF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT49C466APQF Datasheet HTML 6Page - Integrated Device Technology IDT49C466APQF Datasheet HTML 7Page - Integrated Device Technology IDT49C466APQF Datasheet HTML 8Page - Integrated Device Technology IDT49C466APQF Datasheet HTML 9Page - Integrated Device Technology IDT49C466APQF Datasheet HTML 10Page - Integrated Device Technology IDT49C466APQF Datasheet HTML 11Page - Integrated Device Technology IDT49C466APQF Datasheet HTML 12Page - Integrated Device Technology IDT49C466APQF Datasheet HTML 13Page - Integrated Device Technology IDT49C466APQF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
11.7
10
IDT49C466/A Flow-thruEDC
ERROR DETECTION AND CORRECTION UNIT
COMMERCIAL TEMPERATURE RANGES
Partial Word Write/Byte Merge
Writing a word shorter than 64 bits to memory is treated
as a special case. The checkbits generated for a data word
shorter than 64 bits and written to a particular memory location
differ from the checkbits that would be generated by the entire
64-bit data word at the same location. Hence, the byte merge
operation requires reading of the contents of the memory
location to be written to, merging the byte/bytes being written
(from SD side) with the other component bytes previously at
that memory location (from MD side), generating a checkbit
word for this composite word and writing both the composite
data word and the generated checkbits to memory. The BEn
bits supplied by the user determine the bytes that come from
SD and those that come from MD, as illustrated in Figure 1.
EDC Modes
The IDT49C466 has 5 modes of operation. Refer to table
below for a description of the modes.
The Error Data Output mode is useful for memory initial-
ization as described below. In Checkbit Injection mode, the
MD Checkbit Latch is loaded with data from the System Bus.
This serves to verify the functioning of the EDC. Any discrep-
ancy between the injected checkbits and generated checkbits
should result in assertion of the
ERR, MERR signals.
These modes and certain other features such as clear,
buffer configuration, etc., can be selected by appropriately
loading the Mode Register. The Mode Register can be written
to by asserting
MEN. Then SD0-15 is clocked into the mode
register on the rising edge of SCLK.
MODE REGISTER CONFIGURATION
EDCM0-2
CLEAR
RWBD
0
2
3
4
5
15
UNUSED
7
PSEL
RMODE
6
EDCM1 EDCM0
OPERATION
00
ERROR-DATA OUTPUT MODE
0
1
DIAGNOSTIC-OUTPUT MODE
10
11
GENERATE-DETECT MODE
NORMAL MODE
EDCM2
0
0
0
0
10
0
CHECKBIT-INJECTION MODE
PSEL
OPERATION
0
EVEN PARITY
1
ODD PARITY
CLEAR
CLEAR
OPERATION
0
1
CLEAR ALL DIAGNOSTIC REGISTERS
RWBD
OPERATION
0
1
DUAL FIFOS (8)
SINGLE FIFO (16)
RMODE
OPERATION
0
1
READ MODE REGISTER ON SD BUS
NOP
NOP
2617drw 06
OPERATING MODE DESCRIPTION
Memory Initialization
Memory initialization involves clearing all memory data locations and writing the corresponding checkbits (checkbits
corresponding to all zero data = $0C) to checkbit memory. This can be done using the 49C466 to first create an "all-zero-data"
source. This is done by setting the CLEAR bit in the mode register. This clears all diagnostic registers. Then this data can
be written back to memory in the Error-Data output (Mode 0) mode. In order to wrap the all-zero data back to the MD bus, BE0-
7 should be high and WBSEL =0.
2617 tbl 08
Mode
Description
MODE 0
Error-Data Output Mode: This mode allows the uncorrected data captured from an error event by the Error-Data
Register to be read by the system for diagnostic purposes. The Error-Data Register is cleared by setting the mode
register "'clear"-bit.
MODE 1
Diagnostic-Output Mode: In this mode, contents of latch and five internal registers are read by the system for
diagnostic and error logging purposes. Internal data paths allow output from the CBI LATCH to be read directly by the
system bus for diagnostic purposes. The contents of the internal diagnostic checkbit register, syndrome registers, error
count register and error-type register are also output on the SD bus.
MODE 2
Generate-Detect Mode: (Detect-Only) The EDC performs checkbit generation during a memory write, and performs
error detection only during a memory read.
MODE 3
Normal Mode: The EDC performs checkbit generation during memory writes and error detection and correction during
memory reads.
MODE 4
Checkbit-Injection Mode: In this mode, the checkbit latch is loaded with desired 8-bit data from the SD bus.This eight
bit data passes through SD Latch in or write FIFO to the MD check bit latch. By inserting various checkbit values,
correct functioning of the EDC can be verified “on-board”. The rest of the operation is similar to regular memory
reads. The EDC compares the injected checkbits against the internally generated checkbits. Any discrepancy in the
injected checkbits and the internally generated checkbits will cause the
ERR / MERR to go LOW.


Similar Part No. - IDT49C466APQF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460A IDT-IDT49C460A Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AFF IDT-IDT49C460AFF Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AFFB IDT-IDT49C460AFFB Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AG IDT-IDT49C460AG Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
More results

Similar Description - IDT49C466APQF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49C465 IDT-IDT49C465 Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
logo
ATMEL Corporation
29C516E ATMEL-29C516E_07 Datasheet
163Kb / 17P
   16-Bit Flow-Through EDAC Error Detection And Correction unit
29C516E ATMEL-29C516E Datasheet
94Kb / 16P
   16 Bit Flow Through EDAC Error Detection And Correction unit
logo
Integrated Device Techn...
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
logo
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
   16-Bit Feedthrough Error Detection & Correction Unit EDAC
logo
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
[Old version datasheet]   16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
logo
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
logo
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193_06 Datasheet
65Kb / 5P
   ERROR DETECTION/CORRECTION CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com