Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT49FCT3805A Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT49FCT3805A
Description  3.3V CMOS BUFFER/CLOCK DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49FCT3805A Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT49FCT3805A Datasheet HTML 1Page - Integrated Device Technology IDT49FCT3805A Datasheet HTML 2Page - Integrated Device Technology IDT49FCT3805A Datasheet HTML 3Page - Integrated Device Technology IDT49FCT3805A Datasheet HTML 4Page - Integrated Device Technology IDT49FCT3805A Datasheet HTML 5Page - Integrated Device Technology IDT49FCT3805A Datasheet HTML 6Page - Integrated Device Technology IDT49FCT3805A Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
COMMERCIALANDINDUSTRIALTEMPERATURERANGE
IDT49FCT3805/A
3.3VCMOSBUFFER/CLOCKDRIVER
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Per TTL driven input (VIN = VCC -0.6V); all other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
5. Values for these conditions are examples of the IC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fONO)
ICC = Quiescent Current (ICCL, ICCH and ICCZ)
∆ICC = Power Supply Current for a TTL High Input (VIN = VCC -0.6V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fO = Output Frequency
NO = Number of Outputs at fO
All currents are in milliamps and all frequencies are in megahertz.
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Min.
Typ.(2)
Max.
Unit
∆ICC
Quiescent Power Supply Current
VCC = Max.
10
30
µA
TTL Inputs HIGH
VIN = VCC –0.6V(3)
ICCD
Dynamic Power Supply Current(4)
VCC = Max.
VIN = VCC
0.035
0.06
mA/MHz
OutputsOpen
VIN = GND
OEA = OEB = GND
PerOutputToggling
50% Duty Cycle
IC
TotalPowerSupplyCurrent(6)
VCC = Max.
VIN = VCC
0.9
1.6
OutputsOpen
VIN = GND
fO = 25MHz
50% Duty Cycle
VIN = VCC –0.6V
0.9
1.6
OEA = OEB = VCC
VIN = GND
Mon.OutputToggling
VCC = Max.
VIN = VCC
—20
33
(5)
mA
OutputsOpen
VIN = GND
fO = 50MHz
50% Duty Cycle
VIN = VCC –0.6V
20
33
(5)
OEA = OEB = GND
VIN = GND
ElevenOutputsToggling


Similar Part No. - IDT49FCT3805A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT3805APY IDT-IDT49FCT3805APY Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805AQGI IDT-IDT49FCT3805AQGI Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
More results

Similar Description - IDT49FCT3805A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
49FCT3805BQG8 IDT-49FCT3805BQG8 Datasheet
73Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805B IDT-IDT49FCT3805B Datasheet
374Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3805AH ALSC-ASM2P3805AH Datasheet
534Kb / 13P
   3.3V CMOS Buffer Clock Driver
logo
PulseCore Semiconductor
PCS2P3805A PULSECORE-PCS2P3805A Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
logo
Renesas Technology Corp
IDT49FCT3805B RENESAS-IDT49FCT3805B Datasheet
229Kb / 8P
   3.3V CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Pericom Semiconductor C...
PI49FCT3804 PERICOM-PI49FCT3804 Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805 Datasheet
431Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805_10 Datasheet
514Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Diodes Incorporated
PI49FCT3805 DIODES-PI49FCT3805_V01 Datasheet
1Mb / 12P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Integrated Device Techn...
QS532805 IDT-QS532805 Datasheet
97Kb / 6P
   GUARANTEED LOW SKEW 3.3V CMOS CLOCK DRIVER/BUFFER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com