Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT29FCT521DT Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT29FCT521DT
Description  MULTILEVEL PIPELINE REGISTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT29FCT521DT Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT29FCT521DT Datasheet HTML 1Page - Integrated Device Technology IDT29FCT521DT Datasheet HTML 2Page - Integrated Device Technology IDT29FCT521DT Datasheet HTML 3Page - Integrated Device Technology IDT29FCT521DT Datasheet HTML 4Page - Integrated Device Technology IDT29FCT521DT Datasheet HTML 5Page - Integrated Device Technology IDT29FCT521DT Datasheet HTML 6Page - Integrated Device Technology IDT29FCT521DT Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IDT29FCT520AT/BT/CT/DT, 521AT/BT/CT/DT
MULTILEVEL PIPELINE REGISTERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.2
3
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Commercial
Military
Unit
VTERM(2) Terminal Voltage
with Respect to
GND
–0.5 to +7.0
–0.5 to +7.0
V
VTERM(3) Terminal Voltage
with Respect to
GND
–0.5 to
VCC +0.5
–0.5 to
VCC +0.5
V
TA
Operating
Temperature
0 to +70
–55 to +125
°C
TBIAS
Temperature
Under Bias
–55 to +125
–65 to +135
°C
TSTG
Storage
Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output
Current
–60 to +120
–60 to +120
mA
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is
not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability. No terminal voltage may exceed
VCC by +0.5V unless otherwise noted.
2. Input and VCC terminals only.
3. Outputs and I/O terminals only.
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Commercial: TA = 0
°C to +70°C, VCC = 5.0V ± 5%; Military: TA = –55°C to +125°C, VCC = 5.0V ± 10%
Symbol
Parameter
Test Conditions
(1)
Min.
Typ.
(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
IIH
Input HIGH Current
(4)
VCC = Max.
VI = 2.7V
±1
µA
IIL
Input LOW Current
(4)
VCC = Max.
VI = 0.5V
±1
µA
IOZH
High Impedance
(4)
VCC = Max.
VO = 2.7V
±1
µA
IOZL
Output Current
VO = 0.5V
±1
II
Input HIGH Current
(4)
VCC = Max., VI = VCC (Max.)
±1
µA
VIK
Clamp Diode Voltage
VCC = Min., IN = –18mA
–0.7
–1.2
V
IOS
Short Circuit Current
VCC = Max.
(3), VO = GND
–60
–120
–225
mA
VOH
Output HIGH Voltage
VCC = Min.
IOH = –6mA MIL.
2.4
3.3
V
VIN = VIH or VIL
IOH = –8mA COM’L.
IOH = –12mA MIL.
2.0
3.0
IOH = –15mA COM’L.
VOL
Output LOW Voltage
VCC = Min.
IOL = 32mA MIL.
0.3
0.5
V
VIN = VIH or VIL
IOL = 48mA COM’L.
VH
Input Hysteresis
200
mV
ICC
Quiescent Power
VCC = Max.
0.01
1
mA
Supply Current
VIN = GND or VCC
NOTES:
2619 tbl 05
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Not more than one output should be shorted at one time. Duration of the short circuit test should not exceed one second.
4. The test limit for this parameter is
±5µA at TA = -55°C.
Symbol
Parameter(1)
Conditions
Typ.
Max. Unit
CIN
Input
Capacitance
VIN = 0V
6
10
pF
COUT
Output
Capacitance
VOUT = 0V
8
12
pF
2619 lnk 04
2619 lnk 03
NOTE:
1. This parameter is measured at characterization but not tested.


Similar Part No. - IDT29FCT521DT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT29FCT520A IDT-IDT29FCT520A Datasheet
58Kb / 8P
   MULTILEVEL PIPELINE REGISTER
IDT29FCT520AD IDT-IDT29FCT520AD Datasheet
58Kb / 8P
   MULTILEVEL PIPELINE REGISTER
IDT29FCT520ADB IDT-IDT29FCT520ADB Datasheet
58Kb / 8P
   MULTILEVEL PIPELINE REGISTER
IDT29FCT520AE IDT-IDT29FCT520AE Datasheet
58Kb / 8P
   MULTILEVEL PIPELINE REGISTER
IDT29FCT520AEB IDT-IDT29FCT520AEB Datasheet
58Kb / 8P
   MULTILEVEL PIPELINE REGISTER
More results

Similar Description - IDT29FCT521DT

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29520A AMD-AM29520A Datasheet
583Kb / 12P
   Multilevel Pipeline Registers
Rev. B
logo
Intersil Corporation
HSP9520 INTERSIL-HSP9520 Datasheet
25Kb / 4P
   Multilevel Pipeline Registers
logo
Pericom Semiconductor C...
PI29FCT520T PERICOM-PI29FCT520T Datasheet
56Kb / 5P
   FAST CMOS MULTILEVEL PIPELINE REGISTERS
logo
Integrated Device Techn...
IDT29FCT520A IDT-IDT29FCT520A Datasheet
58Kb / 8P
   MULTILEVEL PIPELINE REGISTER
logo
LOGIC Devices Incorpora...
L29C520 LODEV-L29C520 Datasheet
188Kb / 8P
   4 x 8-bit Multilevel Pipeline Register
logo
Texas Instruments
SN74ALS29818 TI1-SN74ALS29818 Datasheet
189Kb / 13P
[Old version datasheet]   8-BIT DIAGNOSTICS/PIPELINE REGISTERS
CY29FCT520T TI1-CY29FCT520T_15 Datasheet
215Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
LOGIC Devices Incorpora...
LPR520 LODEV-LPR520 Datasheet
162Kb / 5P
   4 x 16-bit Multilevel Pipeline Register
logo
Texas Instruments
CY29FCT520T TI1-CY29FCT520T_17 Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
Alliance Semiconductor ...
128M-DDR1-AS4C8M16D1 ALSC-128M-DDR1-AS4C8M16D1 Datasheet
4Mb / 66P
   Internal pipeline architecture
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com