Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B5817W Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # B5817W
Description  SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

B5817W Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  B5817W Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED B5817W Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Diodes
SCHOTTKY BARRIER DIODE
FEATURES
For use in low voltage, high frequency inverters
Free wheeling, and polarity protection applications.
MARKING:
SJ
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Units
Non-Repetitive Peak reverse voltage
20
V
Peak Repetitive Peak reverse voltage
20
V
Working Peak Reverse Voltage
20
V
DC Blocking
20
V
RMS Reverse Voltage
14
V
Average Rectified Output Current
1
A
Peak forward surge current @=8.3ms
9
A
Repetitive Peak Forward Current
1.5
A
Power Dissipation
500
mW
Thermal Resistance Junction
to
Ambient
250
/W
Storage temperature
-65~+150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Reverse breakdown voltage
V(BR)
I = 1mA
20
V
Reverse voltage leakage current
IR
V = 20V
1
mA
Forward voltage
VF
I =1A
I =3A
0.45
0.75
V
V
Diode capacitance
CD
VR=4V, f=1MHz
120
pF
SOD-123
-
+
Parameter
Symbol
Test conditions
MIN
MAX
UNIT
VRM
VRRM
VRWM
VR
R(RMS)
IO
IFSM
IFRM
Pd
RθJA
TSTG
R
R
F
F
B5817W
MAKO Semiconductor Co., Limited 4008-378-873 http://www.makosemi.hk/


Similar Part No. - B5817W

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
B5817W JIANGSU-B5817W Datasheet
336Kb / 3P
   SCHOTTKY BARRIER DIODE
logo
Rectron Semiconductor
B5817W RECTRON-B5817W Datasheet
443Kb / 4P
   SOD-123 Plastic-Encapsulat e Schottky Barrier Diode
2020-11/08 REV:O
logo
BaiDu Micro electrons C...
B5817W BAIDUMICRO-B5817W Datasheet
465Kb / 2P
   SOD-123 Plastic-Encapsulate Diodes
logo
Shanghai Shunye Electro...
B5817W SHUNYE-B5817W Datasheet
985Kb / 2P
   SCHOTTKY DIODE
logo
Weitron Technology
B5817W WEITRON-B5817W Datasheet
161Kb / 3P
   Surface Mount Schottky Barrier Diodes
More results

Similar Description - B5817W

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com