Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP158W Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # MP158W
Description  SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

MP158W Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  MP158W Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . MP158W Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Tc=55 C
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 7.5A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
15
300
10
500
-65
+150
-65
+150
V
A
A
V
* 300 amperes surge capability
* Superior thermal design
* Mounting: Hole thru for #8 screw
1.1
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
15.0 Amperes
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
C
C
A
A
MP1505W THRU MP1510W
MP1505W MP151W
MP152W
MP154W MP156W
MP158W MP1510W
UNITS
Dimensions in inches and (millimeters)
MP-W
HOLE FOR
NO. 10 SCREW
1.200
(30.5)
.335(8.5)
.295(7.5)
.468(11.9)
.429(10.9)
.732(18.6)
.692(17.6)
.732(18.6)
.692(17.6)
1.181(30.0)
1.102(28.0)
1.181(30.0)
1.102(28.0)
.673(17.1)
.633(16.1)
+
AC
AC
.042(1.1)
.039(1.0)
DIA.
TYP.
Metal Heat Sink
MIN.
318


Similar Part No. - MP158W

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MP158W MCC-MP158W Datasheet
238Kb / 3P
   15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MP158W

ManufacturerPart #DatasheetDescription
logo
Formosa MS
MB1505 FORMOSA-MB1505 Datasheet
41Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
GBU1501 ETC2-GBU1501 Datasheet
63Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MP1505 GWSEMI-MP1505 Datasheet
73Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
KBPC15005 DGNJDZ-KBPC15005 Datasheet
174Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
KBPC15005S DGNJDZ-KBPC15005S Datasheet
81Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MB1505W GWSEMI-MB1505W Datasheet
66Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Formosa MS
MB1505W FORMOSA-MB1505W Datasheet
34Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Bytes
MB1505W BYTES-MB1505W Datasheet
150Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
MB1505 UNIOHM-MB1505 Datasheet
72Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MB1505 GWSEMI-MB1505 Datasheet
73Kb / 2P
   SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com