Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER1601CT Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # HER1601CT
Description  16.0 AMP HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

HER1601CT Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  HER1601CT Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . HER1601CT Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.2
.4
.6
.8
1.0
1.2
1.4
.01
.1
1.0
10.0
100
RATING AND CHARACTERISTIC CURVES (HER1601CT THRU HER1606CT)
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
24
20
16
12
8
4
0
0
20
40
60
80
100
120
140
160
180
200
Single Phase Half Wave 60Hz
Resistive Or Inductive Load
50
0
100
150
200
250
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
D.U.T.
CASE TEMPERATURE ( C)
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
Tj=25 C
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
1.6
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
175
150
125
100
75
50
25
0
.01
.05
.1
.5
1
5
10
50
100
155


Similar Part No. - HER1601CT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
HER1601CT THINKISEMI-HER1601CT Datasheet
641Kb / 2P
   16Ampere Heat Sink Dual Common Cathode High Efficiency Rectifiers
logo
Nantong Hornby Electron...
HER1601CT HORNBY-HER1601CT Datasheet
306Kb / 3P
   GLASS PASSIVATED HIGH EFFICENCY RECTIFIER
logo
HY ELECTRONIC CORP.
HER1601CT HY-HER1601CT Datasheet
418Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
Thinki Semiconductor Co...
HER1601CTA THINKISEMI-HER1601CTA Datasheet
642Kb / 2P
   16Ampere Heat Sink Dual Common Anode High Efficiency Rectifiers
HER1601CTD THINKISEMI-HER1601CTD Datasheet
642Kb / 2P
   16Ampere Heat Sink Dual Doubler Polarity High Efficiency Rectifiers
More results

Similar Description - HER1601CT

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
HERF1601CT GWSEMI-HERF1601CT Datasheet
74Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER1602-2C16A-2CTO-220AB DGNJDZ-HER1602-2C16A-2CTO-220AB Datasheet
214Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER1601 BYTES-HER1601 Datasheet
161Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER1604-2C16A-2CTO-220AB DGNJDZ-HER1604-2C16A-2CTO-220AB Datasheet
214Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
UNIOHM CORPORATION
HER1601 UNIOHM-HER1601 Datasheet
71Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER1606-2C16A-2CTO-220AB DGNJDZ-HER1606-2C16A-2CTO-220AB Datasheet
214Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
HER1601-2C16A-2CTO-220AB DGNJDZ-HER1601-2C16A-2CTO-220AB Datasheet
214Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
HER1601 DGNJDZ-HER1601 Datasheet
180Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
HER1601 FORMOSA-HER1601 Datasheet
38Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER1603-2C16A-2CTO-220AB DGNJDZ-HER1603-2C16A-2CTO-220AB Datasheet
214Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com