Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRF1606CT Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # FRF1606CT
Description  16.0 AMP FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

FRF1606CT Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  FRF1606CT Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . FRF1606CT Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16.0 AMP FAST RECOVERY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 8.0A
Maximum DC Reverse Current
Tc=25 C
at Rated DC Blocking Voltage
Tc=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
16.0
150
10.0
200
65
-65
+150
A
A
V
nS
pF
C
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
FRF1601CT THRU FRF1606CT
1.3
250
500
150
VOLTAGE RANGE
50 to 800 Volts
CURRENT
16.0 Amperes
V
50
100
200
400
600
800
50
100
200
400
600
800
35
70
140
280
420
560
V
V
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guranteed
* Polarity: As Marked
* Mounting position: Any
Operating and Storage Temperature Range TJ, TSTG
A
A
UNITS
FRF
FRF
FRF
FRF
FRF
FRF
1601CT
1602CT
1603CT
1604CT
1605CT
1606CT
at Tc=75 C
ITO-220(FULLY INSULATED)
Dimensions in inches and (millimeters)
.412
.248
.122
(3.1)
.189
(4.8)
.158
.610
.550
.100
(2.54)
.060
.035
.108
(10.5)
(6.3)
(4.0)
(15.5)
(14.0)
(1.5)
(0.9)
(2.75)
MAX.
MAX.
MAX.
MIN.
MAX.
MAX.
3.4 MAX.
HOLE THRU
f
+
PIN 1
PIN 3
PIN 2
CASE
MAX.
MAX.
.114(2.9)
.098(2.5)
196


Similar Part No. - FRF1606CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FRF1606G TSC-FRF1606G Datasheet
113Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRF1606G TSC-FRF1606G Datasheet
333Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
More results

Similar Description - FRF1606CT

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FR1601 FORMOSA-FR1601 Datasheet
37Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
Bytes
FR1601 BYTES-FR1601 Datasheet
160Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
FR1601CT GWSEMI-FR1601CT Datasheet
71Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
FR1605-2C16A-2CTO-220AB DGNJDZ-FR1605-2C16A-2CTO-220AB Datasheet
213Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
UNIOHM CORPORATION
FR1601 UNIOHM-FR1601 Datasheet
71Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
FR1601 DGNJDZ-FR1601 Datasheet
180Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
FR1602-2C16A-2CTO-220AB DGNJDZ-FR1602-2C16A-2CTO-220AB Datasheet
213Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
FR1603-2C16A-2CTO-220AB DGNJDZ-FR1603-2C16A-2CTO-220AB Datasheet
213Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
FR1601-2C16A-2CTO-220AB DGNJDZ-FR1601-2C16A-2CTO-220AB Datasheet
213Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
FR1604-2C16A-2CTO-220AB DGNJDZ-FR1604-2C16A-2CTO-220AB Datasheet
213Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
FR1606-2C16A-2CTO-220AB DGNJDZ-FR1606-2C16A-2CTO-220AB Datasheet
213Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com