Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRF806 Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # FRF806
Description  8.0 AMP FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

FRF806 Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  FRF806 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . FRF806 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8.0 AMP FAST RECOVERY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 8.0A
Maximum DC Reverse Current
Tc=25 C
at Rated DC Blocking Voltage
Tc=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
8.0
150
10.0
200
65
-65
+150
A
A
V
pF
C
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
FRF801 THRU FRF807
1.3
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
8.0 Amperes
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guranteed
* Polarity: As Marked
* Mounting position: Any
Operating and Storage Temperature Range TJ, TSTG
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
V
FRF801 FRF802 FRF803 FRF804 FRF805 FRF806 FRF807
UNITS
nS
250
500
150
Dimensions in inches and (millimeters)
+
+
PIN 1
PIN 2
CASE
ITO-220A(FULLY INSULATED)
.412
.248
.122
(3.1)
.189
(4.8)
.158
.610
.550
.100
(2.54)
.060
.035
.108
(10.5)
(6.3)
(4.0)
(15.5)
(14.0)
(1.5)
(0.9)
(2.75)
MAX.
MAX.
MAX.
MIN.
MAX.
MAX.
3.4 MAX.
HOLE THRU
f
MAX.
MAX.
.114(2.9)
.098(2.5)
at Tc=75 C
A
A
192


Similar Part No. - FRF806

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FRF80G FCI-FRF80G Datasheet
578Kb / 2P
   8.0 Amp Glass Passivated Power Fast Recovery Rectifier
More results

Similar Description - FRF806

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
FR801 GWSEMI-FR801 Datasheet
71Kb / 2P
   8.0 AMP FAST RECOVERY RECTIFIERS
logo
Bytes
FR801 BYTES-FR801 Datasheet
160Kb / 2P
   8.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
FR801 DGNJDZ-FR801 Datasheet
179Kb / 2P
   8.0 AMP FAST RECOVERY RECTIFIERS
logo
Formosa MS
FR801 FORMOSA-FR801 Datasheet
36Kb / 2P
   8.0 AMP FAST RECOVERY RECTIFIERS
logo
UNIOHM CORPORATION
FR801 UNIOHM-FR801 Datasheet
71Kb / 2P
   8.0 AMP FAST RECOVERY RECTIFIERS
logo
First Components Intern...
FR80 FCI-FR80 Datasheet
134Kb / 2P
   8.0 Amp FAST RECOVERY PLASTIC RECTIFIERS Mechanical Dimensions
logo
Bytes
SF81 BYTES-SF81 Datasheet
165Kb / 2P
   8.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF81 FORMOSA-SF81 Datasheet
39Kb / 2P
   8.0 AMP SUPER FAST RECTIFIERS
logo
Goodwork Semiconductor ...
SFF81 GWSEMI-SFF81 Datasheet
75Kb / 2P
   8.0 AMP SUPER FAST RECTIFIERS
SF81 GWSEMI-SF81 Datasheet
76Kb / 2P
   8.0 AMP SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com